Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5069 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 7Page - National Semiconductor (TI) LM5069 Datasheet HTML 8Page - National Semiconductor (TI) LM5069 Datasheet HTML 9Page - National Semiconductor (TI) LM5069 Datasheet HTML 10Page - National Semiconductor (TI) LM5069 Datasheet HTML 11Page - National Semiconductor (TI) LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Power Up Sequence (Continued)
Gate Control
A charge pump provides internal bias voltage above the
output voltage (OUT pin) to enhance the N-Channel MOS-
FET’s gate. The gate-to-source voltage is limited by an
internal 12V zener diode. During normal operating conditions
(t3 in Figure 3) the gate of Q1 is held charged by an internal
16 µA current source to approximately 12V above OUT. If the
maximum V
GS rating of Q1 is less than 12V, a lower voltage
external zener diode must be added between the GATE and
OUT pins. The external zener diode must have a forward
current rating of at least 250 mA.
When the system voltage is initially applied, the GATE pin is
held low by a 230 mA pull-down current. This helps prevent
an inadvertent turn-on of the MOSFET through its drain-gate
capacitance as the applied system voltage increases.
During the insertion time (t1 in Figure 3) the GATE pin is held
low bya2mA pull-down current. This maintains Q1 in the
off-state until the end of t1, regardless of the voltage at VIN
or UVLO.
Following the insertion time, during t2 in Figure 3, the gate
voltage of Q1 is modulated to keep the current or power
dissipation level from exceeding the programmed levels.
While in the current or power limiting mode the TIMER pin
capacitor is charging. If the current and power limiting cease
before the TIMER pin reaches 4V the TIMER pin capacitor
then discharges, and the circuit enters normal operation.
If the in-rush limiting condition persists such that the TIMER
pin reached 4V during t2, the GATE pin is then pulled low by
the 2 mA pull-down current. The GATE pin is then held low
until either a power up sequence is initiated (LM5069-1), or
until the end of the restart sequence (LM5069-2). See the
Fault Timer & Restart section.
If the system input voltage falls below the UVLO threshold,
or rises above the OVLO threshold, the GATE pin is pulled
low by the 2 mA pull-down current to switch off Q1.
20197213
FIGURE 3. Power Up Sequence (Current Limit only)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com