Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5069 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5069
Description  Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5069 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM5069 Datasheet HTML 9Page - National Semiconductor (TI) LM5069 Datasheet HTML 10Page - National Semiconductor (TI) LM5069 Datasheet HTML 11Page - National Semiconductor (TI) LM5069 Datasheet HTML 12Page - National Semiconductor (TI) LM5069 Datasheet HTML 13Page - National Semiconductor (TI) LM5069 Datasheet HTML 14Page - National Semiconductor (TI) LM5069 Datasheet HTML 15Page - National Semiconductor (TI) LM5069 Datasheet HTML 16Page - National Semiconductor (TI) LM5069 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Fault Timer & Restart (Continued)
The LM5069-2 provides an automatic restart sequence
which consists of the TIMER pin cycling between 4.0V and
1.25V seven times after the Fault Timeout Period, as shown
in Figure 6. The period of each cycle is determined by the 85
µA charging current, and the 2.5 µA discharge current, and
the value of the capacitor C
T. When the TIMER pin reaches
0.3V during the eighth high-to-low ramp, the 16 µA current
source at the GATE pin turns on Q1. If the fault condition is
still present, the Fault Timeout Period and the restart cycle
repeat.
Under-Voltage Lock-Out (UVLO)
The series pass MOSFET (Q1) is enabled when the input
supply voltage (V
SYS) is within the operating range defined
by the programmable under-voltage lockout (UVLO) and
over-voltage lock-out (OVLO) levels. Typically the UVLO
level at V
SYS is set with a resistor divider (R1-R3) as shown
in Figure 1. When V
SYS is below the UVLO level, the internal
21 µA current source at UVLO is enabled, the current source
at OVLO is off, and Q1 is held off by the 2 mA pull-down
current at the GATE pin. As V
SYS is increased, raising the
voltage at UVLO above 2.5V, the 21 µA current source at
UVLO is switched off, increasing the voltage at UVLO, pro-
viding hysteresis for this threshold. With the UVLO pin above
2.5V, Q1 is switched on by the 16 µA current source at the
GATE pin if the insertion time delay has expired (Figure 3).
See the Applications Section for a procedure to calculate the
values of the threshold setting resistors (R1-R3). The mini-
mum possible UVLO level at V
SYS can be set by connecting
the UVLO pin to VIN. In this case Q1 is enabled when the
VIN voltage reaches the POR
EN threshold.
Over-Voltage Lock-Out (OVLO)
The series pass MOSFET (Q1) is enabled when the input
supply voltage (V
SYS) is within the operating range defined
by the programmable under-voltage lockout (UVLO) and
over-voltage lock-out (OVLO) levels. If V
SYS
raises the
OVLO pin voltage above 2.5V Q1 is switched off by the 2 mA
pull-down current at the GATE pin, denying power to the
load. When the OVLO pin is above 2.5V, the internal 21 µA
current source at OVLO is switched on, raising the voltage at
OVLO to provide threshold hysteresis. When V
SYS is re-
duced below the OVLO level Q1 is enabled. See the Appli-
cations Section for a procedure to calculate the threshold
setting resistor values.
Shutdown Control
The load current can be remotely switched off by taking the
UVLO pin below its 2.5V threshold with an open collector or
20197215
FIGURE 5. Latched Fault Restart Control
20197216
FIGURE 6. Restart Sequence (LM5069-2)
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com