Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY58IX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BCY58IX
Description  NPN switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY58IX Datasheet(HTML) 2 Page - NXP Semiconductors

  BCY58IX Datasheet HTML 1Page - NXP Semiconductors BCY58IX Datasheet HTML 2Page - NXP Semiconductors BCY58IX Datasheet HTML 3Page - NXP Semiconductors BCY58IX Datasheet HTML 4Page - NXP Semiconductors BCY58IX Datasheet HTML 5Page - NXP Semiconductors BCY58IX Datasheet HTML 6Page - NXP Semiconductors BCY58IX Datasheet HTML 7Page - NXP Semiconductors BCY58IX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Jun 17
2
Philips Semiconductors
Product specification
NPN switching transistors
BCY58; BCY59
FEATURES
• Low current (max. 100 mA)
• Low voltage (max. 45 V).
APPLICATIONS
• Switching and amplification.
DESCRIPTION
NPN switching transistor in a TO-18 metal package.
PNP complements: BCY78 and BCY79.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-18) and symbol.
handbook, halfpage
MAM264
1
3
2
3
1
2
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BCY58
−−
32
V
BCY59
−−
45
V
VCEO
collector-emitter voltage
open base
BCY58
−−
32
V
BCY59
−−
45
V
IC
collector current (DC)
−−
100
mA
Ptot
total power dissipation
Tamb ≤ 45 °C
−−
340
mW
Tcase ≤ 45 °C
−−
1W
hFE
DC current gain
IC = 2 mA; VCE =5V
BCY58/VII; BCY59/VII
120
170
220
BCY58/VIII; BCY59/VIII
180
250
310
BCY58/IX; BCY59/IX
250
350
460
BCY58/X; BCY59/X
380
500
630
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
150
−−
MHz
toff
turn-off time
ICon = 10 mA; IBon = 1 mA; IBoff = −1mA
−
480
800
ns
ICon = 100 mA; IBon = 10 mA; IBoff = −10 mA −
450
800
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com