Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY58IX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BCY58IX
Description  NPN switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY58IX Datasheet(HTML) 4 Page - NXP Semiconductors

  BCY58IX Datasheet HTML 1Page - NXP Semiconductors BCY58IX Datasheet HTML 2Page - NXP Semiconductors BCY58IX Datasheet HTML 3Page - NXP Semiconductors BCY58IX Datasheet HTML 4Page - NXP Semiconductors BCY58IX Datasheet HTML 5Page - NXP Semiconductors BCY58IX Datasheet HTML 6Page - NXP Semiconductors BCY58IX Datasheet HTML 7Page - NXP Semiconductors BCY58IX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jun 17
4
Philips Semiconductors
Product specification
NPN switching transistors
BCY58; BCY59
hFE
DC current gain
IC = 2 mA; VCE =5V
BCY58/VII; BCY59/VII
120
170
220
BCY58/VIII; BCY59/VIII
180
250
310
BCY58/IX; BCY59/IX
250
350
460
BCY58/X; BCY59/X
380
500
630
hFE
DC current gain
IC = 10 mA; VCE =1V
BCY58/VII; BCY59/VII
80
250
−
BCY58/VIII; BCY59/VIII
120
300
400
BCY58/IX; BCY59/IX
160
390
630
BCY58/X; BCY59/X
240
550
1000
hFE
DC current gain
IC = 100 mA; VCE =1V
BCY58/VII; BCY59/VII
40
−−
BCY58/VIII; BCY59/VIII
45
−−
BCY58/IX; BCY59/IX
60
−−
BCY58/X; BCY59/X
60
−−
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB = 0.25 mA
50
100
350
mV
IC = 100 mA; IB = 2.5 mA
150
250
700
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.25 mA
600
700
850
mV
IC = 100 mA; IB = 2.5 mA
750
875
1200
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−−
5pF
Ce
emitter capacitance
IC =ic = 0; VEB = 500 mV; f = 1 MHz −−
15
pF
fT
transition frequency
IC = 10 mA; VCE = 5 V; f = 100 MHz
150
−−
MHz
F
noise figure
IC = 200 µA; VCE =5V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−−
10
dB
Switching times (between 10% and 90% levels)
ton
turn-on time
ICon = 10 mA; IBon = 1 mA;
IBoff = −1mA
−
85
150
ns
td
delay time
−
35
−
ns
tr
rise time
−
50
−
ns
toff
turn-off time
−
480
800
ns
ts
storage time
−
400
−
ns
tf
fall time
−
80
−
ns
ton
turn-on time
ICon = 100 mA; IBon =10mA;
IBoff = −10 mA
−
55
150
ns
td
delay time
−
5
−
ns
tr
rise time
−
50
−
ns
toff
turn-off time
−
450
800
ns
ts
storage time
−
250
−
ns
tf
fall time
−
200
−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com