Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCY58IX Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCY58IX
Description  NPN switching transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCY58IX Datasheet(HTML) 3 Page - NXP Semiconductors

  BCY58IX Datasheet HTML 1Page - NXP Semiconductors BCY58IX Datasheet HTML 2Page - NXP Semiconductors BCY58IX Datasheet HTML 3Page - NXP Semiconductors BCY58IX Datasheet HTML 4Page - NXP Semiconductors BCY58IX Datasheet HTML 5Page - NXP Semiconductors BCY58IX Datasheet HTML 6Page - NXP Semiconductors BCY58IX Datasheet HTML 7Page - NXP Semiconductors BCY58IX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1997 Jun 17
3
Philips Semiconductors
Product specification
NPN switching transistors
BCY58; BCY59
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BCY58
−
32
V
BCY59
−
45
V
VCEO
collector-emitter voltage
open base
BCY58
−
32
V
BCY59
−
45
V
VEBO
emitter-base voltage
open collector
−
7V
IC
collector current (DC)
−
100
mA
ICM
peak collector current
−
200
mA
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 45 °C
−
340
mW
Tcase ≤ 45 °C
−
1W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
200
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
450
K/W
Rth j-c
thermal resistance from junction to case
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
BCY58
IE = 0; VCB =32V
−−
10
nA
IE = 0; VCB = 32 V; Tj = 150 °C
−−
10
µA
ICBO
collector cut-off current
BCY59
IE = 0; VCB =45V
−−
10
nA
IE = 0; VCB = 45 V; Tj = 150 °C
−−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−−
10
nA
hFE
DC current gain
IC =10 µA; VCE =5V
BCY58/VII; BCY59/VII
−
20
−
BCY58/VIII; BCY59/VIII
20
95
−
BCY58/IX; BCY59/IX
40
190
−
BCY58/X; BCY59/X
100
300
−



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com