Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7481
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7481 Datasheet HTML 9Page - Analog Devices ADT7481 Datasheet HTML 10Page - Analog Devices ADT7481 Datasheet HTML 11Page - Analog Devices ADT7481 Datasheet HTML 12Page - Analog Devices ADT7481 Datasheet HTML 13Page - Analog Devices ADT7481 Datasheet HTML 14Page - Analog Devices ADT7481 Datasheet HTML 15Page - Analog Devices ADT7481 Datasheet HTML 16Page - Analog Devices ADT7481 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADT7481
Rev. 0 | Page 13 of 24
CONVERSION RATE/CHANNEL
SELECTOR REGISTER
The conversion rate/channel selector register for reads is at
Address 0x04, and at Address 0x0A for writes. The four LSBs
of this register are used to program the conversion times from
15.5 ms (Code 0x0A) to 16 seconds (Code 0x00). To program
the ADT7481 to perform continuous measurements, set the
conversion rate register to 0x0B. For example, a conversion rate
of eight conversions/second means that beginning at 125 ms
intervals, the device performs a conversion on the local and the
remote temperature channels.
This register can be written to, and read back from, the SMBus.
The default value of this register is 0x08, giving a rate of 16
conversions per second. Using slower conversion times greatly
reduces the device power consumption.
Bit 7 in this register can be used to disable averaging of the
temperature measurements. All temperature channels are
measured by default. It is possible to configure the ADT7481 to
measure the temperature of one channel only. This can be
configured using Bit 4 and Bit 5 (see Table 10).
Table 10. Conversion Rate/Channel Selector Register (Read Address 0x04, Write Address 0x0A)
Bit
Mnemonic
Function
7
Averaging
Setting this bit to 1 disables averaging of the temperature measurements at the slower conversion rates
(averaging cannot take place at the three faster rates, so setting this bit has no effect). When default = 0,
averaging is enabled.
6
Reserved
Reserved for future use. Do not write to this bit.
<5:4>
Channel
Selector
These bits are used to select the temperature measurement channels:
00 = round robin = default = all channels measured
01 = local temperature only measured
10 = Remote 1 temperature only measured
11 = Remote 2 temperature only measured
<3:0>
Conversion
Rates
These bits set how often the ADT7481 measures each temperature channel. Conversion rates are as follows:
Conversions/sec
Time (seconds)
0000 = 0.0625
16
0001 = 0.125
8
0010 = 0.25
4
0011 = 0.5
2
0100 = 1
1
0101 = 2
500 m
0110 = 4
250 m
0111 = 8
125 m
1000 = 16 = default
62.5 m
1001 = 32
31.25 m
1010 = 64
15.5 m
1011 = continuous measurements
73 m (averaging enabled)
LIMIT REGISTERS
The ADT7481 has three limits for each temperature channel:
high, low, and THERM temperature limits for local, Remote 1,
and Remote 2 temperature measurements. The remote tempera-
ture high and low limits span two registers each to contain an
upper and lower byte for each limit. There is also a THERM
hysteresis register. All limit registers can be written to, and read
back from, the SMBus. See Table 15 for details of the limit register
addresses and power-on default values.
When Pin 8 is configured as an ALERT output, the high limit
registers perform a > comparison while the low limit registers
perform a ≤ comparison. For example, if the high limit register
is programmed with 80°C, then measuring 81°C will result in
an out-of-limit condition, setting a flag in the status register.
If the low limit register is programmed with 0°C, measuring
0°C or lower will result in an out-of-limit condition.
Exceeding either the local or remote THERM limit asserts
THERM low. When Pin 8 is configured as THERM2, exceeding
either the local or remote high limit asserts THERM2 low. A
default hysteresis value of 10°C is provided that applies to both
THERM channels. This hysteresis value may be reprogrammed.
It is important to remember that the temperature limits data
format is the same as the temperature measurement data for-
mat. So if the temperature measurement uses the default binary
scale, then the temperature limits also use the binary scale. If
the temperature measurement scale is switched, however, the
temperature limits do not automatically switch. The user must
reprogram the limit registers to the desired value in the correct
data format. For example, if the remote low limit is set at 10°C
and the default binary scale is being used, the limit register
value should be 0000 1010b. If the scale is switched to offset
binary, the value in the low temperature limit register should be
reprogrammed to be 0100 1010b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com