Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7481
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7481 Datasheet HTML 16Page - Analog Devices ADT7481 Datasheet HTML 17Page - Analog Devices ADT7481 Datasheet HTML 18Page - Analog Devices ADT7481 Datasheet HTML 19Page - Analog Devices ADT7481 Datasheet HTML 20Page - Analog Devices ADT7481 Datasheet HTML 21Page - Analog Devices ADT7481 Datasheet HTML 22Page - Analog Devices ADT7481 Datasheet HTML 23Page - Analog Devices ADT7481 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADT7481
Rev. 0 | Page 21 of 24
Figure 21 shows how THERM and THERM2 might operate
together to implement two methods of cooling the system. In
this example, the THERM2 limits are set lower than the
THERM limits. The THERM2 output could be used to turn on
a fan. If the temperature continues to rise and exceeds the
THERM limits, the THERM output could provide additional
cooling by throttling the CPU.
THERM2 LIMIT
THERM LIMIT
THERM2
1
3
2
4
TEMPERATURE
THERM
90
°C
80
°C
70
°C
60
°C
50
°C
40
°C
30
°C
Figure 21. Operation of the THERM and THERM2 Interrupts
When the THERM2 limit is exceeded, the THERM2 signal
asserts low.
• If the temperature continues to increase and exceeds the
THERM limit, the THERM output asserts low.
• The THERM output de-asserts (goes high) when the tem-
perature falls to THERM limit minus hysteresis. In Figure 21,
there is no hysteresis value shown.
• As the system cools further, and the temperature falls below
the THERM2 limit, the THERM2 signal resets. Again, no
hysteresis value is shown for THERM2.
The temperature measurement could be either the local or the
remote temperature measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com