Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481ARMZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADT7481ARMZ Datasheet HTML 3Page - Analog Devices ADT7481ARMZ Datasheet HTML 4Page - Analog Devices ADT7481ARMZ Datasheet HTML 5Page - Analog Devices ADT7481ARMZ Datasheet HTML 6Page - Analog Devices ADT7481ARMZ Datasheet HTML 7Page - Analog Devices ADT7481ARMZ Datasheet HTML 8Page - Analog Devices ADT7481ARMZ Datasheet HTML 9Page - Analog Devices ADT7481ARMZ Datasheet HTML 10Page - Analog Devices ADT7481ARMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADT7481
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
3.5
–1.0
–50
150
TEMPERATURE (°C)
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
50
100
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4
Σ
LOW 4
Σ
Figure 4. Local Temperature Error vs. Temperature
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
50
100
TEMPERATURE (°C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
HIGH 4
Σ
LOW 4
Σ
Figure 5. Remote 1 Temperature Error vs. Temperature
3.5
–1.0
–50
150
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
0
50
100
TEMPERATURE (°C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4
Σ
LOW 4
Σ
Figure 6. Remote 2 Temperature Error vs. Temperature
10
–25
1
100
LEAKAGE RESISTANCE (M
Ω)
5
0
–5
–10
–15
–20
10
D+ TO GND
D+ TO VCC
Figure 7. Temperature Error vs. D+/D− Leakage Resistance
0
–18
0
25
CAPACITANCE (nF)
–2
–4
–6
–8
–10
–12
–14
–16
5
101520
DEV 3
DEV 2
DEV 4
Figure 8. Temperature Error vs. D+/D− Capacitance
1000
0
0.01
100
CONVERTION RATE (Hz)
900
800
700
600
500
400
300
200
100
0.1
1
10
DEV 4BC
DEV 3BC
DEV 2BC
Figure 9. Operating Supply Current vs. Conversion Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com