Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADT7481ARMZ Datasheet HTML 1Page - Analog Devices ADT7481ARMZ Datasheet HTML 2Page - Analog Devices ADT7481ARMZ Datasheet HTML 3Page - Analog Devices ADT7481ARMZ Datasheet HTML 4Page - Analog Devices ADT7481ARMZ Datasheet HTML 5Page - Analog Devices ADT7481ARMZ Datasheet HTML 6Page - Analog Devices ADT7481ARMZ Datasheet HTML 7Page - Analog Devices ADT7481ARMZ Datasheet HTML 8Page - Analog Devices ADT7481ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual Channel Temperature Sensor
and Over Temperature Alarm
ADT7481
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
1 local and 2 remote temperature sensors
0.25°C resolution/1°C accuracy on remote channels
1°C resolution/1°C accuracy on local channel
Extended, switchable temperature measurement range 0°C
to 127°C (default) or –64°C to +191°C
2-wire SMBus serial interface with SMBus ALERT support
Programmable over/under temperature limits
Offset registers for system calibration
Up to 2 over temperature fail-safe THERM outputs
Small 10-lead MSOP package
240 μA operating current, 5 μA standby current
APPLICATIONS
Desktop and notebook computers
Industrial controllers
Smart batteries
Automotive
Embedded systems
Burn-in applications
Instrumentation
GENERAL DESCRIPTION
The ADT74811 is a 3-channel digital thermometer and under/
over temperature alarm, intended for use in PCs and thermal
management systems. It can measure its own ambient temperature
or the temperature of two remote thermal diodes. These thermal
diodes can be located in a CPU or GPU, or they can be discrete
diode connected transistors. The ambient temperature, or the
temperature of the remote thermal diode, can be accurately
measured to ±1°C. The temperature measurement range defaults
to 0°C to +127°C, compatible with ADM1032, but can be
switched to a wider measurement range from −64°C to +191°C.
The ADT7481 communicates over a 2-wire serial interface
compatible with system management bus (SMBus) standards.
The SMBus address of the ADT7481 is 0x4C. An ADT7481-1
with an SMBus address of 0x4B is also available.
An ALERT output signals when the on-chip or remote
temperature is outside the programmed limits. The THERM
output is a comparator output that allows, for example, on/off
control of a cooling fan. The ALERT output can be reconfigured
as a second THERM output if required.
FUNCTIONAL BLOCK DIAGRAM
11-BIT A-TO-D
CONVERTER
RUN/STANDBY
BUSY
REMOTE 1 AND 2 TEMP
OFFSET REGISTERS
STATUS REGISTERS
INTERRUPT
MASKING
CONFIGURATION
REGISTERS
REMOTE 1 AND 2 TEMP
HIGH LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
LOW LIMIT REGISTERS
REMOTE 1 AND 2 TEMP
THERM LIMIT REGISTER
LOCAL TEMPERATURE
HIGH LIMIT REGISTER
LOCAL TEMPERATURE
LOW LIMIT REGISTER
LOCAL TEMPERATURE
THERM LIMIT REGISTER
ONE-SHOT
REGISTER
ADDRESS POINTER
REGISTER
CONVERSION RATE
REGISTER
REMOTE 1 AND 2 TEMP
VALUE REGISTERS
LOCAL TEMPERATURE
VALUE REGISTER
ON-CHIP TEMP
SENSOR
ANALOG
MUX
EXTERNAL DIODES OPEN-CIRCUIT
SMBUS INTERFACE
ADT7481
7
8
3
2
10
4
1
6
9
VDD
GND
SDATA
SCLK
THERM
8
D1+
D1–
D2+
D2–
ALERT/THERM2
Figure 1.
1 Protected by U.S. Patents 5,195,827; 5,867,012, 5,982,221; 6,097,239; 6,133,753; 6,169,442, other patents pending.


Similar Part No. - ADT7481ARMZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7481ARMZ ONSEMI-ADT7481ARMZ Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-001 ONSEMI-ADT7481ARMZ-001 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1R7 ONSEMI-ADT7481ARMZ-1R7 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1RL ONSEMI-ADT7481ARMZ-1RL Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7481ARMZ-1RL ONSEMI-ADT7481ARMZ-1RL Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
More results

Similar Description - ADT7481ARMZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1619 MAXIM-MAX1619 Datasheet
304Kb / 20P
Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
19-1483; Rev 0; 4/99
logo
Analog Devices
ADT7482 AD-ADT7482 Datasheet
543Kb / 24P
Dual Channel Temperature Sensor and Overtemperature Alarm
6/06-Revision 0
ADT7483A AD-ADT7483A Datasheet
499Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
7/05-Revision 0
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481 Datasheet
264Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
June, 2010 ??Rev. 5
ADT7482 ONSEMI-ADT7482 Datasheet
262Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
December, 2009 ??Rev. 3
ADT7483A ONSEMI-ADT7483A Datasheet
316Kb / 24P
Dual Channel Temperature Sensor and Over Temperature Alarm
February 2008 ??Rev. 1
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
ON Semiconductor
ADT7481 ONSEMI-ADT7481_14 Datasheet
198Kb / 20P
Dual Channel Temperature Sensor and Overtemperature Alarm
September, 2014 ??Rev. 8
ADT7483A ONSEMI-ADT7483A_12 Datasheet
285Kb / 20P
Dual Channel Temperature Sensor and Over Temperature Alarm
July, 2012 - Rev. 2
logo
AVX Corporation
ND03 AVX-ND03 Datasheet
224Kb / 10P
Alarm and temperature measurement application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com