Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7481ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 3 Page - Analog Devices

  ADT7481ARMZ Datasheet HTML 1Page - Analog Devices ADT7481ARMZ Datasheet HTML 2Page - Analog Devices ADT7481ARMZ Datasheet HTML 3Page - Analog Devices ADT7481ARMZ Datasheet HTML 4Page - Analog Devices ADT7481ARMZ Datasheet HTML 5Page - Analog Devices ADT7481ARMZ Datasheet HTML 6Page - Analog Devices ADT7481ARMZ Datasheet HTML 7Page - Analog Devices ADT7481ARMZ Datasheet HTML 8Page - Analog Devices ADT7481ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADT7481
Rev. 0 | Page 3 of 24
SPECIFICATIONS
TA = −40°C to +120°C, VDD = 3 V to 3.6 V, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER SUPPLY
Supply Voltage, VDD
3.0
3.30
3.6
V
Average Operating Supply Current, IDD
240
350
μA
0.0625 conversions/sec rate1
5
30
μA
Standby mode
Undervoltage Lockout Threshold
2.55
V
VDD input, disables ADC, rising edge
Power-On-Reset Threshold
1
2.5
V
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy2
±1
°C
0°C ≤ TA ≤ +70°C
±1.5
0°C ≤ TA ≤ +85°C
±2.5
°C
−40 ≤ TA ≤ +100°C
Resolution
1
°C
Remote Diode Sensor Accuracy2
±1
°C
0°C ≤ TA ≤ +70°C, −55°C ≤ TD3≤ +150°C
±1.5
°C
0°C ≤ TA ≤ +85°C, −55°C ≤ TD3 ≤ +150°C
±2.5
°C
−40°C ≤ TA ≤ +100°C, −55°C ≤ TD3 ≤ +150°C
Resolution
0.25
°C
Remote Sensor Source Current
233
μA
High level4
14
μA
Low level4
Conversion Time
73
94
ms
From stop bit to conversion complete (both channels) one-shot
mode with averaging switched on
11
14
ms
One-shot mode with averaging off (conversion rate = 16, 32, or
64 conversions per second)
OPEN-DRAIN DIGITAL OUTPUTS: THERM,
ALERT/THERM2
Output Low Voltage, VOL
0.4
V
IOUT = −6.0 mA
High Level Output Leakage Current, IOH
0.1
1
μA
VOUT = VDD
SMBus INTERFACE4, 5
Logic Input High Voltage, VIH
2.1
V
SCLK, SDATA
Logic Input Low Voltage, VIL
0.8
V
SCLK, SDATA
Hysteresis
500
mV
SDA Output Low Voltage, VOL
0.4
V
IOUT = −6.0 mA
Logic Input Current, IIH, IIL
−1
+1
μA
SMBus Input Capacitance, SCLK, SDATA
5
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout6
25
32
ms
User programmable
SCLK Falling Edge to SDATA Valid Time
1
μs
Master clocking in data
1 See Table 10 for information on other conversion rates.
2 Averaging enabled.
3 Guaranteed by characterization, not production tested.
4 Guaranteed by design, not production tested.
5 See Timing Specifications section for more information.
6 Disabled by default. See the Serial Bus Interface section for details to enable it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com