Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSE2002B3C Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # TSE2002B3C
Description  Temperature Sensor with Integrated EEPROM for Memory Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSE2002B3C Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button TSE2002B3C Datasheet HTML 9Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 10Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 11Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 12Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 13Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 14Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 15Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 16Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13 of 30
May 12, 2010
IDT Confidential
No Acknowledge Bit (NACK)
The no-acknowledge bit is used to indicate the completion of a block read operation, or an attempt to modify a write-protected register. The bus
master releases Serial Data (SDA) after sending eight bits of data, and during the 9th clock pulse period, and does not pull Serial Data (SDA) Low.
Data Input
During data input, the device samples Serial Data (SDA) on the rising edge of Serial Clock (SCL). For correct device operation, Serial Data (SDA)
must be stable during the rising edge of Serial Clock (SCL), and the Serial Data (SDA) signal must change only when Serial Clock (SCL) is driven
Low.
Memory Addressing
To start communication between the bus master and the slave device, the bus master must initiate a Start condition. Following this, the bus master
sends the Device Select Code, shown in the next table (on Serial Data (SDA), most significant bit first).
Device Select Code
Notes:
1. The most significant bit, b7, is sent first.
2. SA0, SA1, and SA2 are compared against the respective external pins on the TSE2002B3C.
The Device Select Code consists of a 4-bit Device Type Identifier, and a 3-bit Select Address (SA2, SA1, SA0). To address the memory array, the
4-bit Device Type Identifier is 1010b; to access the write-protection settings, it is 0110b; and to access the Temperature Sensor settings is 0011b.
Up to eight memory devices can be connected on a single I2C bus. Each one is given a unique 3-bit code on the Chip Enable (SA0, SA1, SA2)
inputs. When the Device Select Code is received, the device only responds if the Chip Enable Address is the same as the value on the Chip Enable
(SA0, SA1, SA2) inputs.
The 8th bit is the Read/Write bit (R/W#). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the Device Select code, the corresponding device gives an acknowledgment on Serial Data (SDA) during the 9th bit time. If
the device does not match the SPD Device Select code, the SPD section deselects itself from the bus, and goes into Standby mode. The I2C oper-
ating modes are shown in the following table.
Memory Area
Function
Device Type Identifier
Select Address Signals
R/W#
b71
b6
b5
b4
b3
b2
b1
b0
Read/Write SPD Memory
1
0
1
0
SA2
SA1
SA0
R/W#
Set Write Protection (SWP)
01
1
0
VSSSPD
VSSSPD
VHV
0
Clear Write Protection (CWP)
VSSSPD
VDDSPD
VHV
0
Permanently Set Write Protection (PSWP)2
SA2
SA1
SA0
0
Read SWP
VSSSPD
VSSSPD
VHV
1
Read PSWP2
SA2
SA1
SA0
1
Read/Write Temperature Registers
0
0
1
1
SA2
SA1
SA0
R/W#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com