Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSE2002B3C Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # TSE2002B3C
Description  Temperature Sensor with Integrated EEPROM for Memory Modules
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TSE2002B3C Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button TSE2002B3C Datasheet HTML 10Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 11Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 12Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 13Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 14Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 15Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 16Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 17Page - Renesas Technology Corp TSE2002B3C Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
14 of 30
May 12, 2010
IDT Confidential
I2C Operating Modes
Device Reset and Initialization
In order to prevent inadvertent Write operations during Power-up, a Power-On Reset (POR) circuit is included.
At Power-up (phase during which VDDSPD is lower than VDDSPDmin but increases continuously), the device will not respond to any instruction until
VDDSPD has reached the Power On Reset threshold voltage (this threshold is lower than the minimum VDDSPD operating voltage defined in the DC
AND AC PARAMETERS tables). Once VDDSPD has passed the POR threshold, the device is reset. The actual POR threshold voltage will be imple-
mentation dependent and is not defined in this document.
The device is delivered with all bits in the EEPROM memory array set to ' 1' (each byte contains 0xFF).
Prior to selecting the memory and issuing instructions, a valid and stable VDDSPD voltage must be applied. This voltage must remain stable and
valid until the end of the transmission of the instruction and for a Write instruction, until the completion of the internal write cycle (tW).
At Power-down (phase during which VDDSPD decreases continuously), as soon as VDDSPD drops below the minimum operating voltage, the device
stops responding to commands, and remains in reset until the POR threshold voltage is reached.
Mode
R/W# Bit
Bytes
Initial Sequence
SPD Current Address Read
1
1
START, Device Select, R/W# = 1
SPD Random Address Read
0
1
START, Device Select, R/W# = 0, Address
1
reSTART, Device Select, R/W# = 1
SPD Sequential Read
1
> 1
Similar to Current or Random Address Read
SPD Byte Write
0
1
START, Device Select, R/W# = 0, data, STOP
SPD Page Write
0
< 16
START, Device Select, R/W# = 0, data, STOP
TS Write
0
2
START, Device Select, R/W#=0, pointer, data, STOP
TS Read
1
2
START, Device Select, R/W#=1, pointer, data, STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com