Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARW Datasheet(PDF) 20 Page - Analog Devices

Part # ADE7762ARW
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARW Datasheet(HTML) 20 Page - Analog Devices

Back Button ADE7762ARW Datasheet HTML 16Page - Analog Devices ADE7762ARW Datasheet HTML 17Page - Analog Devices ADE7762ARW Datasheet HTML 18Page - Analog Devices ADE7762ARW Datasheet HTML 19Page - Analog Devices ADE7762ARW Datasheet HTML 20Page - Analog Devices ADE7762ARW Datasheet HTML 21Page - Analog Devices ADE7762ARW Datasheet HTML 22Page - Analog Devices ADE7762ARW Datasheet HTML 23Page - Analog Devices ADE7762ARW Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
ADE7762
Preliminary Technical Data
Rev. PrB | Page 20 of 28
HPF AND OFFSET EFFECTS
Figure 27 shows the effect of offsets on the active power
calculation. An offset on the current channel and voltage
channel contributes a dc component after multiplication as
shown in Figure 27. Since this dc component is extracted by the
LPF and is used to generate the active power information for
each phase, the offsets can contribute a constant error to the
total active power calculation. The HPF in the current channels
avoids this problem easily. By removing the offset from at least
one channel, no error component can be generated at dc by the
multiplication. Error terms at cos(ωt) are removed by the LPF
and the digital-to-frequency conversion (see the Digital-to-
Frequency Conversion) section.
()
{}
()
{}
()
( )
()
t
I
V
t
V
I
t
I
V
I
V
I
V
I
t
I
V
t
V
OS
OS
OS
OS
OS
OS
ω
×
×
+
ω
×
+
ω
×
+
×
+
×
=
+
ω
×
+
ω
2
cos
2
cos
cos
2
cos
cos
(9)
ω
VOS ×IOS
IOS ×V
VOS ×I
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
2
ω
FREQUENCY – RAD/S
2
V× I
0
Figure 27. Effect of Channel Offset on the Active Power Calculation
The HPF in the current channels has an associated phase response
that is compensated for on-chip. Figure 28 and Figure 29 show the
phase error between channels with the compensation network.
The ADE7762 is phase compensated up to 1 kHz as shown. This
ensures correct active harmonic power calculation even at low
power factors.
Figure 28. Phase Error between Channels (0 Hz to 1 kHz)
Figure 29. Phase Error Between Channels (40 Hz to 70 Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com