Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7762ARW Datasheet(PDF) 22 Page - Analog Devices

Part # ADE7762ARW
Description  Polyphase Energy Metering IC with Phase Drop Indication
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7762ARW Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE7762ARW Datasheet HTML 18Page - Analog Devices ADE7762ARW Datasheet HTML 19Page - Analog Devices ADE7762ARW Datasheet HTML 20Page - Analog Devices ADE7762ARW Datasheet HTML 21Page - Analog Devices ADE7762ARW Datasheet HTML 22Page - Analog Devices ADE7762ARW Datasheet HTML 23Page - Analog Devices ADE7762ARW Datasheet HTML 24Page - Analog Devices ADE7762ARW Datasheet HTML 25Page - Analog Devices ADE7762ARW Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADE7762
Preliminary Technical Data
Rev. PrB | Page 22 of 28
POWER MEASUREMENT CONSIDERATIONS
Calculating and displaying power information always have some
associated ripple that depends on the integration period used in the
MCU to determine average power as well as the load. For example,
at light loads, the output frequency can be 10 Hz. With an integra-
tion period of two seconds, only about 20 pulses are counted. The
possibility of missing one pulse always exists since the ADE7762
output frequency is running asynchronously to the MCU timer.
This would result in a 1-in-20 or 5% error in the power measure-
ment. To remedy this, an appropriate integration time should be
considered to achieve the desired accuracy.
MODE SELECTION OF THE SUM OF THE THREE
ACTIVE ENERGIES
The ADE7762 can be configured to execute the arithmetic sum
of the three active energies, Wh = WhΦA + WhΦB + WhΦC, or the
sum of the absolute value of these energies, Wh = |WhΦA| +
|WhΦB| + |WhΦC|. The selection between the two modes can be
made by setting the ABS pin. Logic high and logic low applied
on the ABS pin correspond to the arithmetic sum and the sum
of absolute values, respectively.
When the sum of the absolute values is selected, the active
energy from each phase is always counted positive in the total
active energy. It is particularly useful in 3-phase 4-wire
instillation where the sign of the active power should always be
the same. If the meter is misconnected to the power lines, that
is, CT connected in the wrong direction then the total active
energy recorded without this solution can be reduced by two-
thirds.
The sum of the absolute values assures that the active energy
recorded represents the actual active energy delivered. In this
mode, the reverse power pin still detects when negative power is
present on any of the three phase inputs, but energy continues
to accumulate regardless of the sign.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com