Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-2ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1175-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-2ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1175-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADM1175
Rev. 0 | Page 11 of 24
120
80
85
90
95
100
105
110
115
218
16
14
12
10
8
6
4
VCC (V)
Figure 22. Circuit Breaker Limit Voltage vs. Supply Voltage
110
90
92
94
96
98
100
102
104
106
108
–40
80
60
40
20
0
–20
TEMPERATURE (°C)
VOCTIM
VLIM
VOCFAST
Figure 23. VOCTIM, VLIM, VOCFAST vs. Temperature
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–35
–30
–25
–20
–15
–10
–5
0
5
10
IADR (µA)
11 DECODE
10 DECODE
01 DECODE 00 DECODE
Figure 24. Address Pin Voltage vs. Address Pin Current
for Four Addressing Options
0
1000
900
800
700
600
500
400
300
200
100
CODE
2047
2048
2049
2050
2046
Figure 25. ADC Noise, Current Channel, Midcode Input, 1000 Reads
0
1000
900
800
700
600
500
400
300
200
100
CODE
780
781
782
783
779
Figure 26. ADC Noise, 14:1 Voltage Channel, 5 V Input, 1000 Reads
0
1000
900
800
700
600
500
400
300
200
100
CODE
3079
3080
3081
3082
3078
Figure 27. ADC Noise, 7:1 Voltage Channel, 5 V Input, 1000 Reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com