Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-2ARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1175-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-2ARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1175-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM1175
Rev. 0 | Page 16 of 24
VOLTAGE AND CURRENT READBACK
In addition to providing hot swap functionality, the ADM1175
also contains the components to allow voltage and current
readback over an Inter-IC (I2C) bus. The voltage output of the
current sense amplifier and the voltage on the VCC pin are fed
into a 12-bit ADC via a multiplexer. The device can be
instructed to convert voltage and/or current at any time during
operation via an I2C command or an assertion on the convert
start (CONV) pin. When all conversions are complete, the voltage
and/or current values can be read out to 12-bit accuracy in two
or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1175 is carried out via the I2C bus. This
interface is compatible with I2C fast mode (400 kHz maximum).
The ADM1175 is connected to this bus as a slave device, under
the control of a master device.
IDENTIFYING THE ADM1175 ON THE I2C BUS
The ADM1175 has a 7-bit serial bus slave address. When the
device powers up, it does so with a default serial bus address. The
five MSBs of the address are set to 11010; the two LSBs are deter-
mined by the state of the ADR pin. There are four different
configurations available on the ADR pin that correspond to four
different I2C addresses for the two LSBs (see Table 5). This scheme
allows four ADM1175 devices to operate on a single I2C bus.
Table 5. Setting I2C Addresses via the ADR Pin
ADR Configuration
Address
Low State
0xD0
Resistor to GND
0xD2
Floating (Unconnected)
0xD4
High State
0xD6
GENERAL I2C TIMING
Figure 32 and Figure 33 show timing diagrams for general read
and write operations using the I2C. The I2C specification defines
conditions for different types of read and write operations, which
are discussed later. The general I2C protocol operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line, SDA, while the serial clock line SCL remains
high. This indicates that a data stream follows.
All slave peripherals connected to the serial bus respond
to the start condition and shift in the next eight bits,
consisting of a 7-bit slave address (MSB first), plus an
R/W bit that determines the direction of the data transfer,
that is, whether data is written to or read from the slave
device (0 = write, 1 = read).
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the
low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period
of this clock pulse. All other devices on the bus remain idle,
while the selected device waits for data to be read from it
or written to it. If the R/W bit is 0, the master writes to the
slave device. If the R/W bit is 1, the master reads from the
slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, because a low-to-
high transition when the clock is high can be interpreted
as a stop signal.
If the operation is a write operation, the first data byte
after the slave address is a command byte. This tells the
slave device what to expect next. It can be an instruction,
such as telling the slave device to expect a block write; or
it can be a register address that tells the slave where subse-
quent data is to be written.
Because data can flow in only one direction, as defined by
the R/W bit, it is not possible to send a command to a
slave device during a read operation. Before doing a read
operation, it may first be necessary to do a write operation
to tell the slave what sort of read operation to expect and/or
the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master device releases
the SDA line during the low period before the ninth clock
pulse, but the slave device does not pull it low. This is
known as a no acknowledge. The master then takes the
data line low during the low period before the 10th clock
pulse, then high during the 10th clock pulse to assert a stop
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com