Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1175-2ARMZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM1175-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Convert Pin
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1175-2ARMZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM1175-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 17Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 18Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 19Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 20Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 21Page - Analog Devices ADM1175-2ARMZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADM1175
Rev. 0 | Page 18 of 24
WRITE AND READ OPERATIONS
The I2C specification defines several protocols for different
types of read and write operations. The operations used in the
ADM1175 are discussed in the sections that follow. Table 6 shows
the abbreviations used in the command diagrams.
Table 6. I2C Abbreviations
Abbreviation
Condition
S
Start
P
Stop
R
Read
W
Write
A
Acknowledge
N
No acknowledge
QUICK COMMAND
The quick command operation allows the master to check if the
slave is present on the bus, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
S
SLAVE
ADDRESS
WA
12
3
Figure 35. Quick Command
WRITE COMMAND BYTE
In the write command byte operation the master device sends a
command byte to the slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address, followed by the
write bit (low).
3.
The addressed slave device asserts an acknowledge on SDA.
4.
The master sends the command byte. The command byte
is identified by an MSB = 0. An MSB = 1 indicates an
extended register write (see the Write Extended Byte
section).
5.
The slave asserts an acknowledge on SDA.
6.
The master asserts a stop condition on SDA to end the
transaction.
S
SLAVE
ADDRESS
WA
COMMAND
BYTE
AP
12
3
4
5 6
Figure 36. Write Command Byte
The seven LSBs of the command byte are used to configure and
control the ADM1175. Table 7 provides details of the function
of each bit.
Table 7. Command Byte Operations
Bit
Default
Name
Function
C0
0
V_CONT
Set to convert voltage continuously. If readback is attempted before the first conversion is complete,
the ADM1175 asserts an acknowledge and returns all 0s in the returned data.
C1
0
V_ONCE
Set to convert voltage once. Self-clears. I2C asserts a no acknowledge on attempted reads until the ADC
conversion is complete.
C2
0
I_CONT
Set to convert voltage continuously. If readback is attempted before the first conversion is complete,
the ADM1175 asserts an acknowledge and returns all 0s in the returned data.
C3
0
I_ONCE
Set to convert current once. Self-clears. I2C asserts a no acknowledge on attempted reads until ADC
conversion is complete.
C4
0
VRANGE
Selects different internal attenuation resistor networks for voltage readback. A 0 in C4 selects a 14:1 voltage
divider. A 1 in C4 selects a 7:2 voltage divider. With an ADC full scale of 1.902 V, the voltage at the VCC pin for
an ADC full-scale result is 26.35 V for VRANGE = 0 and 6.65 V for VRANGE = 1.
C5
0
N/A
Unused.
C6
0
STATUS_RD
Status read. When this bit is set, the data byte read back from the ADM1175 is the STATUS byte. It contains
the status of the device alerts. See Table 15 for full details of the STATUS byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com