Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM360A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # CSM360A
Description  Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM360A Datasheet(HTML) 1 Page - Leshan Radio Company

  CSM360A Datasheet HTML 1Page - Leshan Radio Company CSM360A Datasheet HTML 2Page - Leshan Radio Company CSM360A Datasheet HTML 3Page - Leshan Radio Company CSM360A Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss, high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
*
*
Mechanical Data
Case: JEDEC DO-214AC,
molded plastic
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.07g
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
device marking code
Maximum repetitive peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
at TC= 75°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
Unit
Maximum instantaneous forward voltage at 2.0A
V
F
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TJ = 100°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
pF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
60
CSM360A/S-CSM360A
0.
7
–40 to +150
0.5
30.0
110
3.0
100
150
CSM360A/S-CSM360A
S
36
60
42
1/3
*
High temperature soldering guaranteed:
260°C/10 seconds at terminals
We declare that the material of product complie
s
with RoHS requirements and Halogen Free.
S- Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC-Q101 Qualified and
PPAP Capable.
1
2
CSMA
2
1
CATHODE
ANODE
CSM360A
S-CSM360A
Schottky Barrier Rectifiers
Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2021
Leshan Radio Company, LTD.


Similar Part No. - CSM360A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
More results

Similar Description - CSM360A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5820 LRC-1N5820_12 Datasheet
205Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
SB320 LRC-SB320_11 Datasheet
285Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB3150 LRC-SB3150 Datasheet
202Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 150V&200V Forward Current 3.0A
SM320A LRC-SM320A Datasheet
253Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM3150A LRC-SM3150A Datasheet
181Kb / 9P
Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
logo
SHIKUES Electronics
SS36FL SKTECHNOLGY-SS36FL Datasheet
286Kb / 3P
Surface Mount Schottky Barrier Rectifier Reverse Voltage - 60V Forward Current - 3.0A
logo
Shanghai Leiditech Elec...
1N5820 LEIDITECH-1N5820 Datasheet
583Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM320AF FS-SM320AF Datasheet
159Kb / 3P
Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
Leshan Radio Company
CSM360B LRC-CSM360B Datasheet
325Kb / 4P
Surface Mount Schottky Barrier Rectifiers Reverse Voltage 60V Forward Current 3.0A
Rev.O Jun. 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com