Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3198 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP3198
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3198 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP3198 Datasheet HTML 17Page - Analog Devices ADP3198 Datasheet HTML 18Page - Analog Devices ADP3198 Datasheet HTML 19Page - Analog Devices ADP3198 Datasheet HTML 20Page - Analog Devices ADP3198 Datasheet HTML 21Page - Analog Devices ADP3198 Datasheet HTML 22Page - Analog Devices ADP3198 Datasheet HTML 23Page - Analog Devices ADP3198 Datasheet HTML 24Page - Analog Devices ADP3198 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP3198
Rev. A | Page 21 of 32
INDUCTOR SELECTION
The choice of inductance for the inductor determines the ripple
current in the inductor. Less inductance leads to more ripple
current, which increases the output ripple voltage and conduction
losses in the MOSFETs. However, using smaller inductors
allows the converter to meet a specified peak-to-peak transient
deviation with less total output capacitance. Conversely, a higher
inductance means lower ripple current and reduced conduction
losses, but more output capacitance is required to meet the
same peak-to-peak transient deviation.
In any multiphase converter, a practical value for the peak-to-
peak inductor ripple current is less than 50% of the maximum
dc current in the same inductor. Equation 4 shows the
relationship between the inductance, oscillator frequency, and
peak-to-peak ripple current in the inductor.
()
L
f
D
V
I
SW
VID
R
×
−
×
=
1
(4)
Equation 5 can be used to determine the minimum inductance
based on a given output ripple voltage.
()
()
RIPPLE
SW
O
VID
V
f
D
n
R
V
L
×
×
−
×
×
≥
1
(5)
Solving Equation 5 for an 8 mV p-p output ripple voltage yields
()
nH
80
2
mV
8
kHz
330
0.432
1
mΩ
1.0
V
1.3
=
×
−
×
×
≥
L
If the resulting ripple voltage is less than what is designed for,
the inductor can be made smaller until the ripple value is met.
This allows optimal transient response and minimum output
decoupling.
The smallest possible inductor should be used to minimize
the number of output capacitors. For this example, choosing a
320 nH inductor is a good starting point and gives a calculated
ripple current of 11 A. The inductor should not saturate at the
peak current of 35.5 A and should be able to handle the sum of
the power dissipation caused by the average current of 30 A in
the winding and core loss.
Another important factor in the inductor design is the dc
resistance (DCR), which is used for measuring the phase currents.
A large DCR can cause excessive power losses, though too small
a value can lead to increased measurement error. A good rule is
to have the DCR (RL) be about 1 to 1½ times the droop resistance
(RO). This example uses an inductor with a DCR of 1.4 mΩ.
Designing an Inductor
Once the inductance and DCR are known, the next step is to
either design an inductor or to find a standard inductor that
comes as close as possible to meeting the overall design goals.
It is also important to have the inductance and DCR tolerance
specified to control the accuracy of the system. Reasonable
tolerances most manufacturers can meet are 15% inductance
and 7% DCR at room temperature. The first decision in
designing the inductor is choosing the core material. Several
possibilities for providing low core loss at high frequencies
include the powder cores (from Micrometals, Inc., for example,
or Kool Mu® from Magnetics®) and the gapped soft ferrite cores
(for example, 3F3 or 3F4 from Philips). Low frequency
powdered iron cores should be avoided due to their high core
loss, especially when the inductor value is relatively low and the
ripple current is high.
The best choice for a core geometry is a closed-loop type such
as a potentiometer core (PQ, U, or E core) or toroid. A good
compromise between price and performance is a core with
a toroidal shape.
Many useful magnetics design references are available for
quickly designing a power inductor, such as
•
Intusoft Magnetic Designer Software
•
Designing Magnetic Components for High Frequency
DC to DC Converters
, by William T. McLyman,
Kg Magnetics, Inc., ISBN 1883107008
Selecting a Standard Inductor
The following power inductor manufacturers can provide design
consultation and deliver power inductors optimized for high
power applications upon request.
•
Coilcraft®
•
Coiltronics®
•
Sumida Corporation®



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com