Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3198 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP3198
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3198 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP3198 Datasheet HTML 24Page - Analog Devices ADP3198 Datasheet HTML 25Page - Analog Devices ADP3198 Datasheet HTML 26Page - Analog Devices ADP3198 Datasheet HTML 27Page - Analog Devices ADP3198 Datasheet HTML 28Page - Analog Devices ADP3198 Datasheet HTML 29Page - Analog Devices ADP3198 Datasheet HTML 30Page - Analog Devices ADP3198 Datasheet HTML 31Page - Analog Devices ADP3198 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP3198
Rev. A | Page 30 of 32
AC Load Line Setting
11. Remove the dc load from the circuit and hook up the
dynamic load.
12. Hook up the scope to the output voltage and set it to dc
coupling with the time scale at 100 μs/div.
13. Set the dynamic load for a transient step of about 40 A at
1 kHz with 50% duty cycle.
14. Measure the output waveform (use dc offset on scope to see
the waveform). Try to use a vertical scale of 100 mV/div or
finer. This waveform should look similar to Figure 17.
VDCDRP
VACDRP
Figure 17. AC Load Line Waveform
15. Use the horizontal cursors to measure VACDRP and VDCDRP as
shown in Figure 17. Do not measure the undershoot or
overshoot that happens immediately after this step.
16. If VACDRP and VDCDRP are different by more than a few
millivolts, use Equation 49 to adjust CCS. Users may need to
parallel different values to get the right one because limited
standard capacitor values are available. It is a good idea to
have locations for two capacitors in the layout for this.
()
()
DCDRP
ACDRP
OLD
CS
NEW
CS
V
V
C
C
×
=
(49)
17. Repeat Step 11 to Step 13 and repeat the adjustments, if
necessary. Once complete, do not change CCS for the
remainder of the procedure. Set the dynamic load step to
maximum step size. Do not use a step size larger than
needed. Verify that the output waveform is square, which
means that VACDRP and VDCDRP are equal.
Initial Transient Setting
18. With the dynamic load still set at the maximum step size,
expand the scope time scale to either 2 μs/div or 5 μs/div.
The waveform can have two overshoots and one minor
undershoot (see Figure 18). Here, VDROOP is the final
desired value.
VDROOP
VTRAN2
VTRAN1
Figure 18. Transient Setting Waveform
19. If both overshoots are larger than desired, try making
the adjustments using the following suggestions:
•
Make the ramp resistor larger by 25% (RRAMP)
•
For VTRAN1, increase CB or increase the switching
frequency
B
•
For VTRAN2, increase RA and decrease CA by 25%
If these adjustments do not change the response, the design
is limited by the output decoupling. Check the output
response every time a change is made, and check the switch-
ing nodes to ensure that the response is still stable.
20. For load release (see Figure 19), if VTRANREL is larger
than the allowed overshoot, there is not enough output
capacitance. Either more capacitance is needed, or the
inductor values need to be made smaller. When changing
inductors, start the design again using a spreadsheet and
this tuning procedure.
VDROOP
VTRANREL
Figure 19. Transient Setting Waveform
Because the ADP3198 turns off all of the phases (switches
inductors to ground), no ripple voltage is present during load
release. Therefore, the user does not have to add headroom for
ripple. This allows load release VTRANREL to be larger than VTRAN1
by the amount of ripple, and still meet specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com