Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3198 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP3198
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3198 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP3198 Datasheet HTML 23Page - Analog Devices ADP3198 Datasheet HTML 24Page - Analog Devices ADP3198 Datasheet HTML 25Page - Analog Devices ADP3198 Datasheet HTML 26Page - Analog Devices ADP3198 Datasheet HTML 27Page - Analog Devices ADP3198 Datasheet HTML 28Page - Analog Devices ADP3198 Datasheet HTML 29Page - Analog Devices ADP3198 Datasheet HTML 30Page - Analog Devices ADP3198 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
ADP3198
Rev. A | Page 27 of 32
The limit of the peak per-phase current described earlier during
the secondary current limit is determined by
()
()
MAX
DS
D
BIAS
CLAMPED
COMP
PHLIM
R
A
V
V
I
×
−
≅
(34)
For the ADP3198, the current balancing amplifier gain (AD) is 5
and the clamped COMP pin voltage is 2 V. Using an RDS(MAX) of
2.8 mΩ (low-side on resistance at 150°C) results in a per-phase
peak current limit of 64 A. This current level can be reached only
with an absolute short at the output, and the current-limit latch-off
function shuts down the regulator before overheating can occur.
FEEDBACK LOOP COMPENSATION DESIGN
Optimized compensation of the ADP3198 allows the best
possible response of the regulator output to a load change. The
basis for determining the optimum compensation is to make the
regulator and output decoupling appear as an output impedance
that is entirely resistive over the widest possible frequency
range, including dc, and equal to the droop resistance (RO).
With the resistive output impedance, the output voltage droops
in proportion to the load current at any load current slew rate.
This ensures optimal positioning and minimizes the output
decoupling.
Because of the multimode feedback structure of the ADP3198,
the feedback compensation must be set to make the converter
output impedance work in parallel with the output decoupling
to make the load look entirely resistive. Compensation is
needed for several poles and zeros created by the output
inductor and the decoupling capacitors (output filter).
A type-three compensator on the voltage feedback is adequate
for proper compensation of the output filter. Equation 35 to
Equation 39 are intended to yield an optimal starting point for
the design; some adjustments may be necessary to account for
PCB and component parasitic effects (see the Tuning the
ADP3198 section).
First, compute the time constants for all the poles and zeros in the system using Equation 35 to Equation 39.
(
)
VID
O
X
RT
VID
RT
L
DS
D
O
E
V
R
C
n
V
D
n
L
V
V
R
R
A
R
n
R
×
×
×
×
×
−
×
×
+
×
+
×
+
×
=
1
2
(
)
Ω
m
9
.
2
2
V
1.3
Ω
m
1
mF
6
.
5
4
V
51
0.
0.432
1
nH
320
2
V
1.3
V
51
0.
Ω
m
1.4
Ω
m
2.4
5
Ω
m
1
4
=
×
×
×
×
−
×
×
+
×
+
×
+
×
=
E
R
(35)
()
()
μs
0
0
.
3
Ω
m
0.6
Ω
m
0.5
Ω
m
1
Ω
m
1
pH
0
24
Ω
m
0.5
Ω
m
1
mF
6
.
5
'
'
=
−
×
+
−
×
=
−
×
+
−
×
=
X
O
O
X
O
X
A
R
R
R
R
L
R
R
C
T
(36)
(
)
(
)
ns
0
6
5
mF
6
.
5
Ω
m
1
Ω
m
0.5
Ω
m
0.6
'
=
×
−
+
=
×
−
+
=
X
O
X
B
C
R
R
R
T
(37)
μs
17
.
5
Ω
m
9
.
2
2
V
1.3
kHz
330
2
Ω
m
2.4
5
nH
320
V
51
0.
2
=
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
−
×
=
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
−
×
=
E
VID
SW
DS
D
RT
C
R
V
f
R
A
L
V
T
(38)
()
(
)
()
ns
8
33
Ω
m
1
μF
180
Ω
m
0.5
Ω
m
1
mF
6
.
5
Ω
m
1
μF
180
mF
6
.
5
'
2
2
=
×
+
−
×
×
×
=
×
+
−
×
×
×
=
O
Z
O
X
O
Z
X
D
R
C
R
R
C
R
C
C
T
(39)
where:
R' is the PCB resistance from the bulk capacitors to the ceramics.
RDS is the total low-side MOSFET on resistance per phase.
In this example,
AD is 5, VRT equals 0.51 V, R' is approximately 0.5 mΩ (assuming a 4-layer, 1 ounce motherboard), and LX is 240 pH for
the 10 Al-Poly capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com