Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button DSP56366 Datasheet HTML 12Page - NXP Semiconductors DSP56366 Datasheet HTML 13Page - NXP Semiconductors DSP56366 Datasheet HTML 14Page - NXP Semiconductors DSP56366 Datasheet HTML 15Page - NXP Semiconductors DSP56366 Datasheet HTML 16Page - NXP Semiconductors DSP56366 Datasheet HTML 17Page - NXP Semiconductors DSP56366 Datasheet HTML 18Page - NXP Semiconductors DSP56366 Datasheet HTML 19Page - NXP Semiconductors DSP56366 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
2-12
Freescale Semiconductor
2.8
Serial Host Interface
The SHI has five I/O signals that can be configured to allow the SHI to operate in either SPI or I2C mode.
Table 2-10 Serial Host Interface Signals
Signal
Name
Signal Type
State during
Reset
Signal Description
SCK
Input or
output
Tri-stated
SPI Serial Clock—The SCK signal is an output when the SPI is configured as a
master and a Schmitt-trigger input when the SPI is configured as a slave. When the
SPI is configured as a master, the SCK signal is derived from the internal SHI clock
generator. When the SPI is configured as a slave, the SCK signal is an input, and
the clock signal from the external master synchronizes the data transfer. The SCK
signal is ignored by the SPI if it is defined as a slave and the slave select (SS) signal
is not asserted. In both the master and slave SPI devices, data is shifted on one
edge of the SCK signal and is sampled on the opposite edge where data is stable.
Edge polarity is determined by the SPI transfer protocol.
SCL
Input or
output
Tri-stated
I2C Serial Clock—SCL carries the clock for I2C bus transactions in the I2C mode.
SCL is a Schmitt-trigger input when configured as a slave and an open-drain output
when configured as a master. SCL should be connected to VCC through a pull-up
resistor.
This signal is tri-stated during hardware, software, and individual reset. Thus, there
is no need for an external pull-up in this state.
This input is 5 V tolerant.
MISO
Input or
output
Tri-stated
SPI Master-In-Slave-Out—When the SPI is configured as a master, MISO is the
master data input line. The MISO signal is used in conjunction with the MOSI signal
for transmitting and receiving serial data. This signal is a Schmitt-trigger input when
configured for the SPI Master mode, an output when configured for the SPI Slave
mode, and tri-stated if configured for the SPI Slave mode when SS is deasserted.
An external pull-up resistor is not required for SPI operation.
SDA
Input or
open-drain
output
Tri-stated
I2C Data and Acknowledge—In I2C mode, SDA is a Schmitt-trigger input when
receiving and an open-drain output when transmitting. SDA should be connected to
VCC through a pull-up resistor. SDA carries the data for I
2C transactions. The data
in SDA must be stable during the high period of SCL. The data in SDA is only
allowed to change when SCL is low. When the bus is free, SDA is high. The SDA
line is only allowed to change during the time SCL is high in the case of start and
stop events. A high-to-low transition of the SDA line while SCL is high is a unique
situation, and is defined as the start event. A low-to-high transition of SDA while
SCL is high is a unique situation defined as the stop event.
This signal is tri-stated during hardware, software, and individual reset. Thus, there
is no need for an external pull-up in this state.
This input is 5 V tolerant.
MOSI
Input or
output
Tri-stated
SPI Master-Out-Slave-In—When the SPI is configured as a master, MOSI is the
master data output line. The MOSI signal is used in conjunction with the MISO
signal for transmitting and receiving serial data. MOSI is the slave data input line
when the SPI is configured as a slave. This signal is a Schmitt-trigger input when
configured for the SPI Slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com