Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button DSP56366 Datasheet HTML 72Page - NXP Semiconductors DSP56366 Datasheet HTML 73Page - NXP Semiconductors DSP56366 Datasheet HTML 74Page - NXP Semiconductors DSP56366 Datasheet HTML 75Page - NXP Semiconductors DSP56366 Datasheet HTML 76Page - NXP Semiconductors DSP56366 Datasheet HTML 77Page - NXP Semiconductors DSP56366 Datasheet HTML 78Page - NXP Semiconductors DSP56366 Datasheet HTML 79Page - NXP Semiconductors DSP56366 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
3-50
Freescale Semiconductor
3.13
Serial Host Interface (SHI) I2C Protocol Timing
Table 3-20 SHI I2C Protocol Timing
No.
Characteristics1,2,3
Symbol/
Expression
Standard
Mode4
Fast Mode5
Unit
Min
Max
Min
Max
Tolerable spike width on SCL or SDA
Filters bypassed
—
—
0
—
0
ns
Narrow filters enabled
—
50
—
50
ns
Wide filters enabled
—
100
—
100
ns
171 SCL clock frequency
FSCL
—
100
—
400
kHz
171 SCL clock cycle
TSCL
10
—
2.5
—
μs
172 Bus free time
TBUF
4.7
—
1.3
—
μs
173 Start condition set-up time
TSU;STA
4.7
—
0.6
—
μs
174 Start condition hold time
THD;STA
4.0
—
0.6
—
μs
175 SCL low period
TLOW
4.7
—
1.3
—
μs
176 SCL high period
THIGH
4.0
—
1.3
—
μs
177 SCL and SDA rise time
TR
—
1000
20 + 0.1
× C
b
300
ns
178 SCL and SDA fall time
TF
—
300
20 + 0.1
× C
b
300
ns
179 Data set-up time
TSU;DAT
250
—
100
—
ns
180 Data hold time
THD;DAT
0.0
—
0.0
0.9
μs
181 DSP clock frequency
FDSP
MHz
Filters bypassed
10.6
—
28.5
—
Narrow filters enabled
11.8
—
39.7
—
Wide filters enabled
13.1
—
61.0
—
182 SCL low to data out valid
TVD;DAT
—
3.4
—
0.9
μs
183 Stop condition set-up time
TSU;STO
4.0
—
0.6
—
μs
184 HREQ in deassertion to last SCL edge
(HREQ in set-up time)
tSU;RQI
0.0
—
0.0
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com