Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56366 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # DSP56366
Description  24-Bit Audio Digital Signal Processor
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56366 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button DSP56366 Datasheet HTML 17Page - NXP Semiconductors DSP56366 Datasheet HTML 18Page - NXP Semiconductors DSP56366 Datasheet HTML 19Page - NXP Semiconductors DSP56366 Datasheet HTML 20Page - NXP Semiconductors DSP56366 Datasheet HTML 21Page - NXP Semiconductors DSP56366 Datasheet HTML 22Page - NXP Semiconductors DSP56366 Datasheet HTML 23Page - NXP Semiconductors DSP56366 Datasheet HTML 24Page - NXP Semiconductors DSP56366 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
DSP56366 Technical Data, Rev. 3.1
Freescale Semiconductor
2-17
SDO1/
SDO1_1
Output
GPIO
disconnected
Serial Data Output 1—SDO1 is used to transmit data from the TX1 serial
transmit shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Output 1.
PC10/
PE10
Input, output, or
disconnected
GPIO
disconnected
Port C 10—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
When enabled for ESAI_1 GPIO, this is the Port E 10 signal.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
SDO0/SD
O0_1
Output
GPIO
disconnected
Serial Data Output 0—SDO0 is used to transmit data from the TX0 serial
transmit shift register.
When enabled for ESAI_1 operation, this is the ESAI_1 Serial Data Output 0.
PC11/
PE11
Input, output, or
disconnected
GPIO
disconnected
Port C 11—When the ESAI is configured as GPIO, this signal is individually
programmable as input, output, or internally disconnected.
When enabled for ESAI_1 GPIO, this is the Port E 11 signal.
The default state after reset is GPIO disconnected.
This input is 5 V tolerant.
Table 2-11 Enhanced Serial Audio Interface Signals (continued)
Signal
Name
Signal Type
State during
Reset
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com