Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177-1ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1177-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177-1ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1177-1ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM1177
Preliminary Technical Data
Rev. PrD | Page 8 of 16
TIMER FUNCTION
The TIMER pin handles several timing functions with an
external capacitor, CTIMER. There are two comparator thresholds:
VTIMERH (0.2 V) and VTIMERL (1.3 V). The four timing current
sources are a 5 µA and a 60 µA pull-up, and a 2 µA and a
100 µA pull-down. The 100 µA is a non-ideal current source
approximating a 7 kΩ resistor below 0.4 V.
These current and voltage levels, together with the value of
CTIMER that the user chooses, determine the initial timing cycle
time, the fault current limit time, and the hotswap retry duty
cycle.
GATE AND TIMER FUNCTIONS DURING A
HOTSWAP
During hot insertion of a board onto a live supply rail at VCC,
the abrupt application of supply voltage charges the external
FET drain/gate capacitance, which could cause an unwanted
gate voltage spike. An internal circuit holds GATE low before
the internal circuitry wakes up. This reduces the FET current
surges substantially at insertion. The GATE pin is also held low
during the initial timing cycle, and until the ON pin has been
taken high to start the hotswap operation.
During hotswap operation the GATE pin is first pulled up by a
12 μA current source. If the current through the sense resistor
reaches the overcurrent fault timing threshold, Voctim, then a
pull-up current of 60 µA on the TIMER pin is turned on, and
this pin starts charging up. At a slightly higher voltage in the
sense resistor, the error amplifier servos the GATE pin to
maintain a constant current to the load by controlling the
voltage across the sense resistor to the linear current limit, VLIM.
A normal hotswap will complete when the board supply
capacitors near full charge and the current through the sense
resistor drops, to eventually reach the level of the board load
current. As soon as the current drops below the overcurrent
fault timing threshold, the current into the TIMER pin will
switch from being a 60 μA pull-up to a 100 μA pull-down. The
ADM1177 will then drive the GATE voltage as high as it can to
fully enhance the FET and reduce RON losses to a minimum.
A hotswap will fail if the load current fails to drop below the
overcurrent fault timing threshold, VOCTIM, before the TIMER
pin has charged up to 1.3 V. In this case the GATE pin is then
pulled down with a 2 mA current sink. The GATE pull-down
will stay on until a hotswap retry starts, which can be forced by
de-asserting then re-asserting the ON pin, or the device will
retry automatically after a cool-down period, on the ADM1177-
1.
The ADM1177 also features a method of protection from
sudden load current surges, such as a low impedance fault,
when the current seen across the sense resistor may go well
beyond the linear current limit. If the fast overcurrent trip
threshold, VOCFAST, is exceeded, the 2 mA GATE pull-down is
turned on immediately. This pulls the GATE voltage down
quickly to enable the ADM1177 to limit the length of the
current spike that gets through, and also to bring the current
through the sense resistor back into linear regulation as quickly
as possible. This protects the backplane supply from sustained
overcurrent conditions, which may otherwise have caused
problems with the backplane supply level dropping too low.
CALCULATING CURRENT LIMITS AND FAULT
CURRENT LIMIT TIME
The nominal linear current limit is determined by a sense
resistor connected between the VCC and SENSE pins as given
by the equation below:
ILIMIT(NOM) = VLIM(NOM)/RSENSE = 100 mV/RSENSE
(1)
The minimum linear fault current is given by Equation 2:
ILIMIT(MIN) = VLIM(MIN)/RSENSE(MAX) = 90 mV/RSENSE(MAX)
(2)
The maximum linear fault current is given by Equation 3:
ILIMIT(MAX) = VLIM(MAX)/RSENSE(MIN) = 110 mV/RSENSE(MIN)
(3)
The power rating of the sense resistor should be rated at the
maximum linear fault current level.
The minimum overcurrent fault timing threshold current is
given by
IOCTIM(MIN) = VOCTIM(MIN)/RSENSE(MAX) = 85 mV/RSENSE(MAX)
(4)
The maximum fast overcurrent trip threshold current is given
by
IOCFAST(MAX) = VOCFAST(MAX)/RSENSE(MIN) = 115 mV/RSENSE(MIN)(5)
The fault current limit time is the time that a device will spend
timing an overcurrent fault, and is given by
tFAULT ~= 21.7 × CTIMER ms/μF
(6)
INITIAL TIMING CYCLE
When VCC is first connected to the backplane supply, there is
an internal supply (time-point (1) in Figure 4) in the ADM1177
which needs to charge up. A very short time later (significantly
less than 1 ms) the internal supply will be fully up and, since the
undervoltage lockout voltage has been exceeded at VCC, the
device will come out of reset. During this first short reset period
the GATE pin is held down with a 25 mA pulldown current,
and the TIMER pin is pulled down with a 100 μA current sink.
The ADM1177 then goes through an initial timing cycle. At
point (2) the TIMER pin is pulled high with 5 µA. At time point
(3), the TIMER reaches the VTIMERL threshold and the first
portion of the initial cycle ends. The 100 µA current source
then pulls down the TIMER pin until it reaches 0.2 V at time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com