Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177-1ARMZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM1177-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177-1ARMZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM1177-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADM1177
Preliminary Technical Data
Rev. PrD | Page 16 of 16
OUTLINE DIMENSIONS
0.0197 (0.50)
BSC
0.122 (3.10)
0.114 (2.90)
10
6
5
1
0.199 (5.05)
0.187 (4.75)
PIN
1
0.122 (3.10)
0.114 (2.90)
0.012 (0.30)
0.006 (0.15)
0.037 (0.94)
0.031 (0.78)
SEATING
PLANE
0.120 (3.05)
0.112 (2.85)
0.043 (1.10)
MAX
0.006 (0.15)
0.002 (0.05)
0.028 (0.70)
0.016 (0.40)
0.009 (0.23)
0.005 (0.13)
6
0
o
0.120 (3.05)
0.112 (2.85)
o
Figure 16. 10-Lead MSOP Package
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Hotswap Retry Option
Brand
Temperature Range
Package Description
Package Outline
ADM1177-1ARMZ-R7
Automatic Retry Version
M5Y
−40°C to +85°C
MSOP-10
RM-10
ADM1177-2ARMZ-R7
Latched Off Version
M5Z
−40°C to +85°C
MSOP-10
RM-10
1 Z = Pb-free part.
©2006 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR06047-0-5/06(PrD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com