Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177-1ARMZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM1177-1ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177-1ARMZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM1177-1ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1177-1ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Preliminary Technical Data
ADM1177
Rev. PrD | Page 15 of 16
Table 14. Status Byte Operations
Bit
Name
Function
0
ADC_OC
An ADC based overcurrent comparison has been detected on the last 3 conversions
1
ADC_ALERT
An ADC based overcurrent trip has happened, which has caused the ALERT. Cleared by writing to bit 4 of the
ALERT_EN register.
2
HS_OC
The hotswap is off due to an analog overcurrent event. On parts which latch off, this will be the same as the HS_ALERT
status bit (if EN_HS_ALERT=1). On the retry parts this will indicate the current state—a 0 could indicate that the data
was read during a period when the device is retrying, or that it has successfully hotswapped by retrying after at least
one overcurrent timeout.
3
HS_ALERT
The hotswapper has failed since the last time this was reset. Cleared by writing to bit 4 of the ALERT_EN register.
4
OFF_STATUS
The state of the ON pin. Set to 1 if the input pin is de-asserted. Can also be set to 1 by writing to the SWOFF bit of the
CONTROL register.
5
OFF_ALERT
An alert has been caused either by the ON pin or the SWOFF bit. Cleared by writing to bit 4 of the ALERT_EN register.
KELVIN SENSE RESISTOR CONNECTION
When using a low-value sense resistor for high current
measurement the problem of parasitic series resistance can
arise. The lead resistance can be a substantial fraction of the
rated resistance making the total resistance a function of lead
length. This problem can be avoided by using a Kelvin sense
connection. This type of connection separates the current path
through the resistor and the voltage drop across the resistor.
Figure 15 below shows the correct way to connect the sense
resistor between the VCC and SENSE pins of the ADM1177.
SENSE RESISTOR
KELVIN SENSE TRACES
CURRENT
FLOW TO
LOAD
CURRENT
FLOW FROM
SUPPLY
VCC
SENSE
ADM1177
Figure 15. Kelvin Sense Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com