Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177-2ARMZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1177-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177-2ARMZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1177-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM1177
Preliminary Technical Data
Rev. PrD | Page 6 of 16
PIN CONFIGURATIONS
1
2
3
4
ADM1177
TOP VIEW
(NOT TO SCALE)
Vcc
ADR
SDA
GATE
ON
TIMER
SENSE
SS
GND
5
SCL
10
9
8
7
6
Figure 3. Pin Configurations
PIN FUNCTIONAL DESCRIPTIONS
Table 3.
Pin No.
Name
Description
1
VCC
Positive supply input pin. The operating supply voltage range is between 3.15 V to 14 V. An undervoltage
lockout (UVLO) circuit resets the ADM1177 when a low supply voltage is detected.
2
SENSE
Current sense input pin. A sense resistor between the VCC and SENSE pins sets the analog current limit. The
hotswap operation of the ADM1177 controls the external FET gate to maintain the (VVCC-VSENSE) voltage at 100
mV or below.
3
ON
Undervoltage input pin. Active high pin. An internal ON comparator has a trip threshold of 1.3 V and the
output of this comparator is used as an enable for the hotswap operation. With an external resistor divider
from VCC to GND, this pin can be used to enable the hotswap operation one a specific voltage on VCC, giving
an undervoltage function.
4
GND
Chip Ground Pin
5
TIMER
Timer pin. An external capacitor CTIMER sets a 270 ms/µF initial timing cycle delay and a 21.7 ms/µF fault
delay. The GATE pin turns off whenever the TIMER pin is pulled beyond the upper threshold. An overvoltage
detection with an external zener can be used to force this pin high.
6
SCL
I2C Clock Pin. Open-drain output requires an external resistive pull-up.
7
SDA
I2C Data I/O Pin. Open-drain output requires an external resistive pull-up.
8
ADR
I2C Address Pin. This pin can be tied low, tied high, left floating or tied low through a resistor to set four
different I2C addresses.
9
SS
Soft-Start Pin. This pin controls the reference on the current sense amplifier. A 10 µA current source charges
this pin at startup. A capacitor on this pin will then set the slope of the initial current ramp. This pin can also
be driven to a voltage to alter the reference directly, thereby adjusting the current limit level.
10
GATE
GATE Output Pin. This pin is the high side gate drive of an external N-channel FET. This pin is driven by the FET
drive controller which utilises a charge pump to provide a 12 µA pull-up current to charge the FET gate pin.
The FET drive controller regulates to a maximum load current (100 mV through the sense resistor) by
modulating the GATE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com