Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177-2ARMZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1177-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177-2ARMZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1177-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM1177
Preliminary Technical Data
Rev. PrD | Page 10 of 16
VOLTAGE AND CURRENT READBACK
In addition to providing hot swap functionality, the ADM1177
also contains the components to allow voltage and current
readback over an I2C bus. The voltage output of the current
sense amplifier and the voltage on the VCC pin are fed into a
12-bit ADC via a multiplexer. The device can be instructed to
convert voltage and/or current at any time during operation via
an I2C command. When all conversions are complete the
voltage and/or current values can be read out to 12-bit
accuracy in two or three bytes.
SERIAL BUS INTERFACE
Control of the ADM1177 is carried out via the Inter-IC Bus
(I2C). This interface is compatible with fastmode I2C (400 kHz
max). The ADM1177 is connected to this bus as a slave device,
under the control of a master device.
IDENTIFYING THE ADM1177 ON THE I2C BUS
The ADM1177 has a 7-bit serial bus slave address. When the
device is powered up, it will do so with a default serial bus
address. The five MSBs of the address are set to 10110, the two
LSBs are determined by the state of the ADR pin. There are four
different configurations available on the ADR pin which
correspond to four different I2C addresses for the two LSBs.
These are explained in Table 4 below. This scheme allows four
ADM1177 devices to operation on a single I2C bus.
Table 4. Setting I2C Addresses via the ADR Pin
ADR Configuration
Address
Low state
0xB0
Resistor to GND
0xB2
Floating (unconnected)
0xB4
High state
0xB6
GENERAL I2C TIMING
Figure 6 and Figure 7 show timing diagrams for general read
and write operations using the I2C. The I2C specification defines
specific conditions for different types of read and write
operation, which are discussed later. The general I2C protocol
operates as follows:
1.
The master initiates data transfer by establishing a START
condition, defined as a high to low transition on the serial
data line SDA while the serial clock line SCL remains
high. This indicates that a data stream will follow. All slave
peripherals connected to the serial bus respond to the
START condition, and shift in the next 8 bits, consisting
of a 7-bit slave address (MSB first) plus a R/W bit, which
determines the direction of the data transfer, i.e. whether
data will be written to or read from the slave device (0 =
write, 1 = read).
The peripheral whose address corresponds to the
transmitted address responds by pulling the data line low
during the low period before the ninth clock pulse, known
as the acknowledge bit, and holding it low during the high
period of this clock pulse. All other devices on the bus
now remain idle while the selected device waits for data to
be read from or written to it. If the R/W bit is a 0, the
master will write to the slave device. If the R/W bit is a 1,
the master will read from the slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses, eight bits of data followed by an acknowledge bit
from the slave device. Data transitions on the data line
must occur during the low period of the clock signal and
remain stable during the high period, as a low to high
transition when the clock is high may be interpreted as a
STOP signal.
If the operation is a write operation, the first data byte
after the slave address is a command byte. This tells the
slave device what to expect next. It may be an instruction
such as telling the slave device to expect a block write, or
it may simply be a register address that tells the slave
where subsequent data is to be written.
Since data can flow in only one direction as defined by the
R/W bit, it is not possible to send a command to a slave
device during a read operation. Before doing a read
operation, it may first be necessary to do a write operation
to tell the slave what sort of read operation to expect
and/or the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In WRITE mode, the master
will pull the data line high during the 10th clock pulse to
assert a STOP condition. In READ mode, the master
device will release the SDA line during the low period
before the ninth clock pulse, but the slave device will not
pull it low. This is known as No Acknowledge. The master
will then take the data line low during the low period
before the 10th clock pulse, then high during the 10th clock
pulse to assert a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com