Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1177-2ARMZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1177-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with Soft-Start Pin
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1177-2ARMZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1177-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1177-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADM1177
Preliminary Technical Data
Rev. PrD | Page 12 of 16
WRITE AND READ OPERATIONS
The I2C specification defines several protocols for different
types of read and write operations. The ones used in the
ADM1177 are discussed below. The following abbreviations are
used in the diagrams:
Table 5. I2C abbreviations
S
START
P
STOP
R
READ
W
WRITE
A
ACKNOWLEDGE
N
NO ACKNOWLEDGE
QUICK COMMAND
This operation allows the master check if the slave is present on
the bus. This entails the following:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the write bit (low).
3.
The addressed slave device asserts ACK on SDA.
S
SLAVE
ADDRESS
WA
12
3
Figure 9. Quick Command
WRITE COMMAND BYTE
In this operation the master device sends a command byte to
the slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends the command byte. The command byte
is identified by an MSB =0. (An MSB =1 indicates an
Extended Register Write. See next section.)
5.
The slave asserts ACK on SDA.
6.
The master asserts a STOP condition on SDA to end the
transaction.
S
SLAVE
ADDRESS
WA
A
COMMAND
BYTE
P
12
3
4
56
Figure 10. Command Byte Write
The seven LSBs of the command byte are used to configure and
control the ADM1177. Details of the function of each bit are
provided in Table 6.
Table 6. Command Byte Operations
Bit
Default
Name
Function
C0
0
V_CONT
Set to convert voltage continuously. If readback is attempted before the first conversion is complete, the
ADM1177 will ACK and return all zeros in the returned data.
C1
0
V_ONCE
Set to convert voltage once. Self-clears. I2C will NACK an attempted read until ADC conversion is complete.
C2
0
I_CONT
Set to convert voltage continuously. If readback is attempted before the first conversion is complete, the
ADM1177 will ACK and return all zeros in the returned data.
C3
0
I_ONCE
Set to convert current once. Self-clears. I2C will NACK an attempted read until ADC conversion is complete.
C4
0
VRANGE
Selects different internal attenuation resistor networks for voltage readback. A “0” in C4 selects a 14:1 voltage
divider. A “1” in C4 selects a 7:2 voltage divider. With an ADC full-scale of 1.902 V, the voltage at the VCC pin
for an ADC full-scale result is 26.63 V for VRANGE = 0 and 6.66 V for VRANGE = 1.
C5
0
N/A
Unused
C6
0
STATUS_RD
Status Read. When this bit is set the data byte read back from the ADM1177 will be the STATUS byte. This
contains the status of the device alerts. See Table14 for full details of the status byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com