Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1178-2ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1178-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with AlertB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1178-2ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADM1178-2ARMZ-R7 Datasheet HTML 1Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 2Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 3Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 4Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 5Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 6Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 7Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADM1178
Rev. PrD | Page 3 of 16
ADM1178—SPECIFICATIONS
VVCC = 3.15V to 14V, TA = −40°C to +85°C, Typical Values at TA = +25°C unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Units
Conditions
VCC Pin
Operating Voltage Range, VVCC
3.15
14
V
Supply Current, ICC
1.6
3
mA
Undervoltage Lockout, VUVLO
2.8
V
VVCC Rising
Undervoltage Lockout Hysteresis, VUVLOHYST
25
mV
ON Pin
Input Current, IINON
−100
0
+100
nA
Trip Threshold, VONTH
1.3
V
ON rising
Trip Threshold Hysteresis, VONHYST
80
mV
Glitch Filter Time
3
µs
ALERTB Pin
Output low voltage, VALERTOL
0.05
0.2
V
IALERT = -100µA
Maximum sink current, IALERTMAX
-2
mA
Maximum sink current allowed to flow in
ALERT pin 0 output state
Input Current, IALERT
-1
1
µA
VALERT = VCC; in Alert Condition
SENSE Pin
Input Leakage, ISENSE
−1
+1
µA
VSENSE = VVCC
Overcurrent Fault Timing Threshold, VOCTIM
85
mV
VOCTRIM = (VVCC − VSENSE), Fault timing starts
on the TIMER pin
Overcurrent Limit Threshold, VLIM
90
100
110
mV
VLIM = (VVCC − VSENSE), Closed loop regulation
to a current limit
Fast Overcurrent Trip Threshold, VOCFAST
115
mV
VOCFAST = (VVCC − VSENSE), Gate pulldown
current turned on
GATE Pin
Drive Voltage, VGATE
5
7
10
V
VGATE − VVCC, VVCC = 3.15 V
Drive Voltage, VGATE
6
8
12
V
VGATE − VVCC, VVCC = 5 V
Drive Voltage, VGATE
5
7
10
V
VGATE − VVCC, VVCC = 13.2 V
Pullup Current
10
12
14
µA
VGATE = 0 V
Pulldown Current
2
mA
VGATE = 3 V, VVCC > UVLO
Pulldown Current
25
mA
VGATE = 3 V, VVCC < UVLO
TIMER Pin
Pull-Up Current (Power On Reset), ITIMERUPPOR
−4
−5
−6
µA
Initial Cycle, VTIMER = 1 V
Pull-Up Current (Fault Mode), ITIMERUPFAULT
−48
−60
−72
µA
During Current Fault, VTIMER = 1 V
Pull-Down Current (Retry Mode), ITIMERDNRETRY
2
2.5
µA
After current fault and during a cool-down
period on a retry device, VTIMER = 1 V
Pull-Down Current, ITIMERDN
100
µA
Normal Operation, VTIMER = 1 V
Trip Threshold High, VTIMERH
1.235
1.3
1.365
V
TIMER rising
Trip Threshold Low, VTIMERL
0.18
0.2
0.22
V
TIMER falling
ADR Pin
Set address to 00, VADRLOWV
0
0.8
V
Low state
Set address to 01, RADRLOWZ
135
150
165
kΩ
Resistor to ground state, load pin with
specified resistance for 01 decode
Set address to 10, IADRHIGHZ
−1
+1
µA
Open state, maximum load allowed on
ADR pin for 10 decode
Set address to 11, VADRHIGHV
2
5.5
V
High state
Input current for 11 decode, IADRLOW
3
5
µA
VADR = 2.0 V to 5.5 V
Input current for 00 decode, IADRHIGH
−40
−22
µA
VADR = 0 V to 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com