Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1178-2ARMZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM1178-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with AlertB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1178-2ARMZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM1178-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM1178
Preliminary Technical Data
Rev. PrD | Page 14 of 16
READ VOLTAGE AND/OR CURRENT DATA BYTES
The ADM1178 can be set up to provide information in three
different ways (see Write Command Byte section above).
Depending on how the device is configured the following data
can be read out of the device after a conversion (or
conversions):
1. Voltage and Current Readback.
The ADM1178 will digitize both voltage and current. Three
bytes will be read out of the device in the following format:
Table 11.
Byte
Contents
B7
B6
B5
B4
B3
B2
B1
B0
1
Voltage
MSBs
V11
V10
V9
V8
V7
V6
V5
V4
2
Current
MSBs
I11
I10
I9
I8
I7
I6
I5
I4
3
Voltage
LSBs
V3
V2
V1
V0
I3
I2
I1
I0
2. Voltage Readback
.
The ADM1178 will digitize voltage only. Two bytes will be read
out of the device in the following format:
Table 12.
Byte Contents
B7
B6
B5 B4 B3 B2
B1
B0
1
Voltage MSBs
V11
V10 V9
V8
V7
V6
V5
V4
2
Voltage LSBs
V3
V2
V1
V0
0
0
0
0
3. Current Readback
.
The ADM1178 will digitize current only. Two bytes will be read
out of the device in the following format:
Table 13.
Byte Contents
B7
B6
B5 B4 B3 B2
B1
B0
1
Current MSBs
I11
I10
I9
I8
I7
I6
I5
I4
2
Current LSBs
I3
I2
I1
I0
0
0
0
0
The following series of events occur when the master receives
three bytes (voltage and current data) from the slave device:
1.
The master device asserts a START condition on SDA.
2.
The master sends the 7-bit slave address followed by
the read bit (high).
3.
The addressed slave device asserts ACK on SDA.
4.
The master receives the first data byte.
5.
The master asserts ACK on SDA.
6.
The master receives the second data byte.
7.
The master asserts ACK on SDA.
8.
The master receives the third data byte.
9.
The master asserts NO ACK on SDA.
10.
The master asserts a STOP condition on SDA and the
transaction ends.
For the cases where the master is reading voltage only or
current only, only two data bytes will be read and events 7 and 8
above will not be required.
S
SLAVE
ADDRESS
RA
A
DATA 1
A
P
DATA 2
N
12
34
5
6
7
89 10
DATA 3
Figure 12. Three Byte Read fromADM1178
S
SLAVE
ADDRESS
RA
A
REGISTER
ADDRESS
P
REGISTER
DATA
N
12
34
5
6
78
Figure 13. Two Byte Read fromADM1178
Read Status Register
A single register of status data can also be read from the
ADM1178.
1.
The master device asserts a START condition on SDA.
2.
The master sends the 7-bit slave address followed by
the read bit (high).
3.
The addressed slave device asserts ACK on SDA.
4.
The master receives the status byte.
5.
The master asserts ACK on SDA.
S
SLAVE
ADDRESS
RA
A
DATA 1
12
34
5
Figure 14. Status Read fromADM1178
Table 14 shows the ADM1178 status registers in detail. Note
that bits 1, 3 and 5 are cleared by writing to bit 4 of the
ALERT_EN register (CLEAR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com