Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1178-2ARMZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1178-2ARMZ-R7
Description  Hot Swap Controller and Digital Power Monitor with AlertB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1178-2ARMZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1178-2ARMZ-R7 Datasheet HTML 8Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 9Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 10Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 11Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 12Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 13Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 14Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 15Page - Analog Devices ADM1178-2ARMZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
ADM1178
Rev. PrD | Page 13 of 16
WRITE EXTENDED BYTE
In this operation the master device writes to one of the three
extended registers of the slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by
the write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends the register address byte. The MSB
of this byte is set to 1 to indicate an extended register
write. The two LSBs indicate which of the three
extended registers will be written to (see Table 7). All
other bits should be set to 0.
5.
The slave asserts ACK on SDA.
6.
The master sends the command byte. The command
byte is identified by an MSB = 0. (An MSB = 1
indicates an Extended Register Write. See next
section.)
7.
The slave asserts ACK on SDA.
8.
The master asserts a STOP condition on SDA to end
the transaction.
S
SLAVE
ADDRESS
RA
A
REGISTER
ADDRESS
P
REGISTER
DATA
N
12
34
5
6
78
Figure 11. Command Byte Write
Table 8, Table 9, and give details of each extended register.
Table 7. Extended Register Addresses
A6
A5
A4
A3
A2
A1
A0
Extended Register
0
0
0
0
0
0
1
ALERT_EN
0
0
0
0
0
1
0
ALERT_TH
0
0
0
0
0
1
1
CONTROL
Table 8. ALERT_EN Register Operations
Bit
Default
Name
Function
0
0
EN_ADC_OC1
Enabled if a single ADC conversion on the I channel has exceeded the threshold set in the ALERT_TH
register
1
0
EN_ADC_OC4
Enabled if four consecutive ADC conversions on the I channel have exceeded the threshold set in the
ALERT_TH register
2
1
EN_HS_ALERT
Enabled if the hotswap has either latched off, or entered a cool down cycle, because of an overcurrent
event
3
0
EN_OFF_ALERT
Enable an ALERT if the HS operation is turned off by a transition which de-asserts the ON pin, or by an
operation which writes the SWOFF bit high.
4
0
CLEAR
Clears the ON_ALERT, HS_ALERT and ADC_ALERT status bits in the STATUS register. These may
immediately reset if the source of the alert has not been cleared, or disabled with the other bits in this
register. This bit self-clears to 0 after the STATUS register bits have been cleared.
Table 9. ALERT_TH Register Operations
Bit
Default
Function
7:0
FF
The ALERT_TH register sets the current level at which an alert will occur. Defaults to ADC full-scale. ALERT_TH 8-bit number
corresponds to the top 8-bits of the current channel data.
Table 10. CONTROL Register Operations
Bit
Default
Name
Function
0
0
SWOFF
Force hotswap off. Equivalent to de-asserting the ON pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com