Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4815 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS4815
Description  OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS4815 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS4815 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS4815 Datasheet HTML 2Page - Applied Micro Circuits Corporation CS4815 Datasheet HTML 3Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Empowering Intelligent Optical Networks
Product Brief
RUBICON-48
OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
Part Number S4815PBI, Revision 2.2, May 2006
FINAL Information - The information contained in this document is
about a product that has been fully tested, characterized, and is pro-
duction release. All features described herein are supported. Contact
AMCC for updates to this document and the latest product status.
FEATURES
Easy software migration from industry leading AMCC
NIAGARA FEC device
• Significant reuse of the Niagara register map in Rubicon.
• Superb migration path to lower power Rubicon-48 device.
Backwards compatible with AMCC’s industry leading
S3062 FEC device
• FEC and Framing compatible between Rubicon-48 and S3062.
• Superb migration path to better integration Rubicon-48 device.
G.709 ODU - 1 Synchronous and Asynchronous mapping
• 1 x OC – 48/STM-16 synchronous and asynchronous mapping
(239,238).
G.709 Overhead processing
• Bi-directional add-drop ODU – 1.
• Bi-direction G.709 Overhead Processing for bi-directional
OTU1 regeneration.
• Dedicated GCC ports.
Ingress and Egress SONET/SDH Performance Monitoring/
Injection
• 1 x OC-/48/12/3 TOH add-drop and processing.
• 8B/10B Monitoring.
• SONET/SDH section and line termination including full B2
recalculation.
• TOH add-drop port.
• LOS, OOF, LOF detection.
• B1, B2 monitoring with programmable Signal Degrade and Sig-
nal Fail thresholds.
• J0 Monitoring, SDH and SONET modes.
• Support for Protection Switching.
• K1, K2 monitoring for APS changes, line AIS and line RDI.
• Automatic, interrupt-driven, or manual AIS insertion.
• Frame boundary output.
Industry Standard RS(255,239) Forward Error Correction with
6.2 dB Coding Gain (at 10-15 CER)
• G.709 Compliant Frame Structure.
• Compatible with AMCC’s S19203 (HUDSON) and S19208
(NIAGARA).
• Limited backwards compatibility with AMCC’s S3062.
Enhanced Gain Forward Error Correction with G.709 ODU
• 2.7 Gbps enhanced FEC with > 8.6 dB coding gain.
• G.709 overhead processing and nominal rate expansion.
• Comprehensive channel statistics gathering including.
• Corrected bits, bytes.
• Corrected zeros, ones (with outputs).
• Uncorrectable sub-frame count.
Broad Interface Compatibility
• 16-bit 155Mbps LVDS interface
• 4-bit 622Mbps LVDS interface
• Compatible with AMCC’s DANUBE, MISSOURI, OHIO,
RHINE, VOLTA, S3465, S3457, S3455, S3086 and S3485.
• Provides port swapping and output dual feed features for 1 + 1
line protection scheme.
Support For System Test and Diagnostics
• Can synthesize SONET frames.
• Error injection capability for verification of remote error report-
ing.
• Test-set compliant pseudo-random sequence generation/anal-
ysis.
• Client and Line side loopback.
General Purpose Processor Interface
• Glueless 16-bit interface to MPC860, 25 MHz to 66 MHz. Dual
mode interface also supports Intel processors.
• Interrupt driven or Polled mode operation.
Figure 1: Block Diagram
8 o r 16
uP I / F
O T N N e t w or k / Li ne
I n t e r f ace
C lie n t o r O T N
In t e r f a c e
EF EC
D e c o der
EF EC
E n c oder
R e gis t er
Ma p
In te r r u p t
C ont r o l
I n g r es sE g r ess
SO N E T / S D H
T O H Ad d / Dr o p
R- S
FE C
De c o d e r
R- S
FE C
E n c o der
P N gen
Er r I n s
P a tte r n
& Er r
A naly s is
PM
PM
PN g e n
E rr I n s
P a tte r n
& Er r
A naly s is
I n g r e ss/E g r ess
OD U - 1 OH
Ad d / Dr o p
BY PA SS
BY PA S S
BY PAS S
BY PA SS
BY PA SS
BY PA SS
SF I- 4
( 2 . 7 G bps )
SF I- 4 ( 2 . 7
G bps )
16
uP I / F
O T N N e t w or k / Li ne
I n t e r f ace
C lie n t o r O T N
In t e r f a c e
EF EC
D e c o der
EF EC
E n c oder
R e gis t er
Ma p
In te r r u p t
C ont r o l
I n g r es sE g r ess
SO N E T / S D H
T O H Ad d / Dr o p
R- S
FE C
De c o d e r
R- S
FE C
E n c o der
P N gen
Er r I n s
P a tte r n
& Er r
A naly s is
PM
PM
PN g e n
E rr I n s
P a tte r n
& Er r
A naly s is
I n g r e ss/E g r ess
OD U - 1 OH
Ad d / Dr o p
BY PA SS
BY PA S S
BY PAS S
BY PA SS
BY PA SS
BY PA SS
SF I- 4
( 2 . 7 G bps )
SF I- 4 ( 2 . 7
G bps )
8 o r 16
uP I / F
O T N N e t w or k / Li ne
I n t e r f ace
C lie n t o r O T N
In t e r f a c e
EF EC
D e c o der
EF EC
E n c oder
R e gis t er
Ma p
In te r r u p t
C ont r o l
I n g r es sE g r ess
SO N E T / S D H
T O H Ad d / Dr o p
R- S
FE C
De c o d e r
R- S
FE C
E n c o der
P N gen
Er r I n s
P a tte r n
& Er r
A naly s is
PM
PM
PN g e n
E rr I n s
P a tte r n
& Er r
A naly s is
I n g r e ss/E g r ess
OD U - 1 OH
Ad d / Dr o p
BY PA SS
BY PA S S
BY PAS S
BY PA SS
BY PA SS
BY PA SS
SF I- 4
( 2 . 7 G bps )
SF I- 4 ( 2 . 7
G bps )
16
uP I / F
O T N N e t w or k / Li ne
I n t e r f ace
C lie n t o r O T N
In t e r f a c e
EF EC
D e c o der
EF EC
E n c oder
R e gis t er
Ma p
In te r r u p t
C ont r o l
I n g r es sE g r ess
SO N E T / S D H
T O H Ad d / Dr o p
R- S
FE C
De c o d e r
R- S
FE C
E n c o der
P N gen
Er r I n s
P a tte r n
& Er r
A naly s is
PM
PM
PN g e n
E rr I n s
P a tte r n
& Er r
A naly s is
I n g r e ss/E g r ess
OD U - 1 OH
Ad d / Dr o p
BY PA SS
BY PA S S
BY PAS S
BY PA SS
BY PA SS
BY PA SS
SF I- 4
( 2 . 7 G bps )
SF I- 4 ( 2 . 7
G bps )


Similar Part No. - CS4815

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4811 CIRRUS-CS4811 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
logo
Applied Micro Circuits ...
CS4811 AMCC-CS4811 Datasheet
221Kb / 5P
Multi Protocol Termination for 2047 Channels
logo
Cirrus Logic
CS4811-KM CIRRUS-CS4811-KM Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811GTR-01 CIRRUS-CS4811GTR-01 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
CS4811MXR-01 CIRRUS-CS4811MXR-01 Datasheet
354Kb / 24P
Fixed Function Multi-Effects Audio Processor
More results

Similar Description - CS4815

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
12/02-Data Sheet changed from REV. 0 to REV. A.
logo
Texas Instruments
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8169 VITESSE-VSC8169 Datasheet
185Kb / 18P
OC-48 (FEC) 16:1 SONET/SDH MUX with Clock Generator
logo
Applied Micro Circuits ...
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
CS19208CBI AMCC-CS19208CBI Datasheet
131Kb / 4P
OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
CS19227PBI-2 AMCC-CS19227PBI-2 Datasheet
318Kb / 5P
10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
logo
Silicon Laboratories
SI5018 SILABS-SI5018 Datasheet
211Kb / 22P
SiPHY??OC-48/STM-16 CLOCK AND DATA RECOVERY IC WITH FEC
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Analog Devices
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com