Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.3-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP175ARMZ-1.3-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.3-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP175ARMZ-1.3-R7 Datasheet HTML 10Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 11Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 12Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 13Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 14Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 15Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 16Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 17Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 14 of 20
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 37. 0 mm2 of PCB Copper, TA = 25°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 38. 700 mm2 of PCB Copper, TA = 50°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 39. 300 mm2 of PCB Copper, TA = 50°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 40. 100 mm2 of PCB Copper, TA = 50°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 41. 0 mm2 of PCB Copper, TA = 50°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 42. 700 mm2 of PCB Copper, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com