Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.3-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP175ARMZ-1.3-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.3-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP175ARMZ-1.3-R7 Datasheet HTML 1Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 2Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 3Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 4Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 5Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 6Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
500 mA, Low Dropout,
CMOS Linear Regulator
ADP1715/ADP1716
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Maximum output current: 500 mA
Input voltage range: 2.5 V to 5.5 V
Low shutdown current: <1 μA
Low dropout voltage:
250 mV @ 500 mA load
50 mV @ 100 mA load
Initial accuracy: ±1%
Accuracy over line, load, and temperature: ±3%
16 fixed output voltage options with soft start:
0.75 V to 3.3 V (ADP1715)
Adjustable output voltage option: 0.8 V to 5.0 V
(ADP1715 Adjustable)
16 fixed output voltage options with tracking:
0.75 V to 3.3 V (ADP1716)
Stable with small 2.2 μF ceramic output capacitor
Excellent load/line transient response
Current limit and thermal overload protection
Logic controlled enable
8-lead thermally enhanced MSOP package
APPLICATIONS
Notebook computers
Memory components
Telecommunications equipment
Network equipment
DSP/FPGA/μP supplies
Instrumentation equipment/data acquisition systems
TYPICAL APPLICATION CIRCUITS
GND
1
GND
2
GND
3
GND
4
8
7
6
EN
IN
OUT
SS
5
ADP1715
VIN = 5V
VOUT = 3.3V
10nF
2.2µF
2.2µF
Figure 1. ADP1715 with Fixed Output Voltage, 3.3 V
GND
1
GND
2
GND
3
GND
4
8
7
6
EN
IN
OUT
ADJ
5
ADP1715
ADJUSTABLE
VIN = 5V
VOUT = 0.8(1 + R1/R2)
2.2µF
2.2µF
R1
R2
Figure 2. ADP1715 with Adjustable Output Voltage, 0.8 V to 5.0 V
GND
1
GND
2
GND
3
GND
4
8
7
6
EN
IN
OUT
TRK
5
ADP1716
VIN = 5V
VTRK = 0V TO 5V
VOUT
2.2µF
2.2µF
3
2
1
0
123
45
VOUT (V)
VTRK (V)
Figure 3. ADP1716 with Output Voltage Tracking
GENERAL DESCRIPTION
The ADP1715/ADP1716 are low dropout, CMOS linear
regulators that operate from 2.5 V to 5.5 V and provide up to
500 mA of output current. Using an advanced proprietary
architecture, they provide high power supply rejection and
achieve excellent line and load transient response with just a
small 2.2 μF ceramic output capacitor.
Three versions of this part are available, one with fixed
output voltage options and variable soft start (ADP1715),
one with adjustable output voltage and fixed soft start
(ADP1715 Adjustable), and one with voltage tracking in
fixed output voltage options (ADP1716). The fixed output
voltage options are internally set to one of sixteen values
between 0.75 V and 3.3 V; the adjustable output voltage can
be set to any value between 0.8 V and 5.0 V by an external
voltage divider connected from OUT to ADJ. The variable
soft start uses an external capacitor at SS to control the
output voltage ramp. Tracking limits the output voltage to
the at-or-below voltage at the TRK pin.
The ADP1715/ADP1716 are available in 8-lead thermally
enhanced MSOP packages, making them not only a very
compact solution but also providing excellent thermal
performance for applications requiring up to 500 mA of output
current in a small, low profile footprint.


Similar Part No. - ADP175ARMZ-1.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1752 AD-ADP1752 Datasheet
703Kb / 20P
0.8 A, Low VIN, Low Dropout Linear Regulator
Rev. E
ADP1752 AD-ADP1752 Datasheet
883Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1752 AD-ADP1752 Datasheet
1,007Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1752 AD-ADP1752 Datasheet
935Kb / 19P
CMOS Linear Regulator
REV. 0
ADP1752 AD-ADP1752 Datasheet
777Kb / 20P
4 A, Low VIN, Low Noise, CMOS Linear Regulator
Rev. A
More results

Similar Description - ADP175ARMZ-1.3-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1715 AD-ADP1715_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
500 mA CMOS Ultra Low Dropout Regulator
02-Sep-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com