Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.3-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP175ARMZ-1.3-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.3-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP175ARMZ-1.3-R7 Datasheet HTML 11Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 12Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 13Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 14Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 15Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 16Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 17Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 18Page - Analog Devices ADP175ARMZ-1.3-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 15 of 20
140
0
0
VIN – VOUT (V)
5
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 43. 300 mm2 of PCB Copper, TA = 85°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 44. 100 mm2 of PCB Copper, TA = 85°C
140
0
05
VIN – VOUT (V)
120
100
80
60
40
20
12
34
1mA
10mA
50mA
100mA
250mA
360mA
500mA
(LOAD CURRENT)
DO NOT OPERATE ABOVE THIS POINT
MAX TJ
Figure 45. 0 mm2 of PCB Copper, TA = 85°C
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
The 8-lead MSOP package has the four GND pins fused together
internally, which enhances its thermal characteristics. Heat
dissipation from the package is increased by connecting as much
copper as possible to the four GND pins of the ADP1715/
ADP1716. From Table 5 it can be seen that a point of
diminishing returns eventually is reached, beyond which an
increase in the copper size does not yield additional heat
dissipation benefits.
Figure 46 shows a typical layout for the ADP1715/ADP1716.
The four GND pins are connected to a large copper pad. If a
second layer is available, multiple vias can be used to connect
them, increasing the overall copper area. The input capacitor
should be placed as close as possible to the IN and GND pins.
The output capacitor should be placed as close as possible to the
OUT and GND pins. 0603 or 0402 size capacitors and resistors
should be used to achieve the smallest possible footprint
solution on boards where area is limited.
GND (TOP)
GND (BOTTOM)
C1
C2
C3
R2
R1
EN
IN
OUT
ADP1715/
ADP1716
Figure 46. Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com