Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.8-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP175ARMZ-1.8-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.8-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP175ARMZ-1.8-R7 Datasheet HTML 1Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 5 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
GND
GND
GND
GND
EN
IN
OUT
SS
1
2
3
4
8
7
6
5
ADP1715
FIXED
TOP VIEW
(Not to Scale)
GND
GND
GND
GND
EN
IN
OUT
ADJ
1
2
3
4
8
7
6
5
ADP1715
ADJUSTABLE
TOP VIEW
(Not to Scale)
GND
GND
GND
GND
EN
IN
OUT
TRK
1
2
3
4
8
7
6
5
ADP1716
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead MSOP (RM-Suffix)
Figure 5. 8-Lead MSOP (RM-Suffix)
Figure 6. 8-Lead MSOP (RM-Suffix)
Table 4. Pin Function Descriptions
ADP1715
Fixed
Pin No.
ADP1715
Adjustable
Pin No.
ADP1716
Pin No.
Mnemonic
Description
1
1
1
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the
regulator. For automatic startup, connect EN to IN.
2
2
2
IN
Regulator Input Supply. Bypass IN to GND with a 2.2 μF or greater capacitor.
3
3
3
OUT
Regulated Output Voltage. Bypass OUT to GND with a 2.2 μF or greater
capacitor.
4
SS
Soft Start. A capacitor connected to this pin determines the soft-start time.
4
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
4
TRK
Track. The output will follow the voltage placed on the TRK pin. (See the
Theory of Operation section for a more detailed description.)
5, 6, 7, 8
5, 6, 7, 8
5, 6, 7, 8
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com