Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP175ARMZ-1.8-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP175ARMZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, IOUT = 10 mA, CIN = 2.2 μF, COUT = 2.2 μF, TA = 25°C, unless otherwise noted.
–40
TJ (°C)
–5
25
85
125
3.234
3.244
3.254
3.264
3.274
3.284
3.294
3.304
3.314
3.324
3.334
3.344
3.354
3.364
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 360mA
ILOAD = 500mA
Figure 7. Output Voltage vs. Junction Temperature
3.325
3.265
0.1
1000
ILOAD (mA)
1
10
100
3.315
3.305
3.295
3.285
3.275
Figure 8. Output Voltage vs. Load Current
3.325
3.265
3.3
3.8
4.3
4.8
5.3
VIN (V)
3.315
3.305
3.295
3.285
3.275
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 360mA
ILOAD = 500mA
Figure 9. Output Voltage vs. Input Voltage
–40
TJ (°C)
–5
25
85
125
0
500
450
400
350
300
250
200
150
100
50
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 360mA
ILOAD = 500mA
Figure 10. Ground Current vs. Junction Temperature
0.1
1000
ILOAD (mA)
1
10
100
0
500
450
400
350
300
250
200
150
100
50
0
Figure 11. Ground Current vs. Load Current
600
0
3.3
3.8
4.3
4.8
5.3
VIN (V)
500
400
300
200
100
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 360mA
ILOAD = 500mA
Figure 12. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com