Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP175ARMZ-1.8-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP175ARMZ-1.8-R7
Description  500 mA, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP175ARMZ-1.8-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP175ARMZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 10Page - Analog Devices ADP175ARMZ-1.8-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 7 of 20
350
0
0.1
1000
ILOAD (mA)
300
250
200
150
100
50
1
10
100
Figure 13. Dropout Voltage vs. Load Current
3.35
2.95
3.2
3.6
VIN (V)
3.30
3.25
3.20
3.15
3.10
3.05
3.00
3.3
3.4
3.5
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 250mA
ILOAD = 360mA
ILOAD = 500mA
Figure 14. Output Voltage vs. Input Voltage (in Dropout)
700
0
3.20
3.60
VIN (V)
600
500
400
300
200
100
3.25
3.30
3.35
3.40
3.45
3.50
3.55
ILOAD =
500mA
ILOAD =
360mA
ILOAD =
250mA
ILOAD =
100mA
ILOAD =
10mA
ILOAD =
100µA
Figure 15. Ground Current vs. Input Voltage (in Dropout)
2
1
SWITCH SIGNAL TO CHANGE
OUTPUT LOAD FROM 25mA TO 475mA
VOUT
VIN = 5V
VOUT = 3.3V
CIN = 2.2µF
COUT = 2.2µF
TIME (10µs/DIV)
Figure 16. Load Transient Response
2
1
SWITCH SIGNAL TO CHANGE
OUTPUT LOAD FROM 25mA TO 475mA
VOUT
VIN = 5V
VOUT = 3.3V
CIN = 22µF
COUT = 22µF
TIME (10µs/DIV)
Figure 17. Load Transient Response
2
1
VIN STEP FROM 4V TO 5V
VOUT
VIN = 5V
VOUT = 3.3V
CIN = 2.2µF
COUT = 2.2µF
ILOAD = 500mA
TIME (100µs/DIV)
Figure 18. Line Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com