Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676ARMZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8676ARMZ-R2
Description  Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676ARMZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8676ARMZ-R2 Datasheet HTML 1Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD8676
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Input Voltage
±V Supply − 1.5 V
Differential Input Voltage
±0.7 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
RM, R Packages
−65°C to +150°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
RM, R Packages
−65°C to +150°C
Lead Temperature Range (Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC_N (R)
158
43
°C/W
POWER SEQUENCING
The op amp supplies must be established simultaneously with,
or before, any input signals are applied.
If this is not possible, the input current must be limited to 10 mA.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com