Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676ARMZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8676ARMZ-R2
Description  Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676ARMZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8676ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 10Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 11Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8676
Rev. 0 | Page 9 of 12
160
140
120
100
60
80
20
40
0
–20
10
100
10k
1k
100k
10M
1M
100M
FREQUENCY (Hz)
–PSRR
+PSRR
Figure 21. Power Supply Rejection Ratio vs. Frequency
148
147
146
145
144
143
142
141
140
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 22. Power Supply Rejection Ratio vs. Temperature
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
01
2
4
37
6
58
9
TIME (s)
10
Figure 23. Voltage Noise (0.1 Hz to 10 Hz)
1000
100
10
1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
TA = 25°C
SOURCE
SINK
Figure 24. Output Saturation Voltage vs. Output Load Current
14.86
14.84
14.82
14.80
14.78
14.76
14.74
14.72
14.70
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VOH
VSY = ±15V
RL = 2kΩ
Figure 25. +Swing vs. Temperature, VOH
–14.70
–14.75
–14.80
–14.85
–14.90
–14.95
–15.00
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VSY = ±15V
RL = 2kΩ
VOL
Figure 26. −Swing vs. Temperature, VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com