Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8676ARMZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8676ARMZ-R2
Description  Ultra Precision, 36 V, 2.8 nV/?숰z Dual Rail-to-Rail Output Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8676ARMZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8676ARMZ-R2 Datasheet HTML 2Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 3Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 4Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 5Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 6Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 7Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 8Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 9Page - Analog Devices AD8676ARMZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8676
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
±15 V and ±5 V, TA = 25°C, unless otherwise specified.
10
9
8
7
6
5
4
3
2
1
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 3. Voltage Noise Density vs. Frequency
90
0
–100 –80
–60
–40
–20
0
20
40
60
80
100
VOS (µV)
80
70
60
50
40
30
20
10
TA = 25°C
Figure 4. Input Offset Voltage Distribution
25
20
15
10
5
0
TCVOS (µV/°C)
Figure 5. TCVOS Distribution
150
–150
–45
135
TEMPERATURE (°C)
100
50
0
–50
–100
–30 –15
0
15
30
45
60
75
90
105 120
Figure 6. Offset Voltage vs. Temperature
120
0
–0.65
IB (nA)
100
80
60
40
20
–0.55
–0.45
–0.35
–0.25
–0.15
–0.05
0.05
Figure 7. Input Bias Current, VSY = ±15 V
160
0
–
0.65
IB (nA)
140
120
100
80
60
40
20
–
0.60 –0.55 –0.50 –0.45 –0.40 –0.35 –0.30 –0.25 –0.20 –0.15
Figure 8. Input Bias Current, VSY = ±5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com