Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220BRMZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8220BRMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220BRMZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8220BRMZ-R7 Datasheet HTML 13Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 14Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 15Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 16Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8220
Rev. 0 | Page 17 of 28
XXX
4µs/DIV
20mV/DIV
Figure 47 Small Signal Pulse Response, G = 100, RL = 2 kΩ, C L= 100 pF,
VS = ±15 V, VREF =0 V
XXX
20mV/DIV
40µs/DIV
Figure 48. Small Signal Pulse Response, G = 1000, RL = 2 kΩ, CL = 100 pF,
VS = ±15 V, VREF = 0 V
XXX
4µs/DIV
20mV/DIV
Figure 49. Small Signal Pulse Response, G = 1, RL = 2 kΩ, CL = 100 pF,
VS = +5 V, VREF = 2.5 V
XXX
4µs/DIV
20mV/DIV
Figure 50. Small Signal Pulse Response, G = 10, RL = 2 kΩ, CL = 100 pF,
VS = +5 V, VREF = 2.5 V
XXX
4µs/DIV
20mV/DIV
Figure 51. Small Signal Pulse Response, G = 100, RL = 2 kΩ, CL = 100 pF,
VS = +5 V, VREF = 2.5 V
XXX
40µs/DIV
20mV/DIV
Figure 52. Small Signal Pulse Response, G = 1000,RL = 2 kΩ, CL = 100 pF,
VS = +5 V, VREF = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com