Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220BRMZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8220BRMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220BRMZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8220BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 22Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 23Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 24Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 25Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8220
Rev. 0 | Page 22 of 28
RF INTERFERENCE
RF rectification is often a problem in applications where there are
large RF signals. The problem appears as a small dc offset voltage.
The AD8220 by its nature has a 5 pF gate capacitance, CG, at its
inputs. Matched series resistors form a natural low-pass filter that
reduces rectification at high frequency (see Figure 61). The
relationship between external, matched series resistors and the
internal gate capacitance is expressed as follows:
G
DIFF
RC
FilterFreq
π
=
2
1
G
CM
RC
FilterFreq
π
=
2
1
AD8220
VOUT
CG
CG
–VS
REF
–VS
R
R
+IN
–IN
+15V
–15V
0.1µF
10µF
0.1µF
10µF
Figure 61. RFI Filtering Without External Capacitors
To eliminate high frequency common-mode signals while using
smaller source resistors, a low-pass R-C network can be placed
at the input of the instrumentation amplifier (see Figure 62).
The filter limits the input signal bandwidth according to the
following relationship:
)
2
(
2
1
G
C
D
DIFF
C
C
C
R
FilterFreq
+
+
π
=
)
(
2
1
G
C
CM
C
C
R
FilterFreq
+
π
=
Mismatched CC capacitors result in mismatched low-pass filters.
The imbalance causes the AD8220 to treat what would have
been a common-mode signal as a differential signal. To reduce
the effect of mismatched external CC capacitors, select a value of
CD greater than 10 times CC. This sets the differential filter
frequency lower than the common-mode frequency.
R
R
AD8220
+15V
+IN
–IN
0.1µF
10µF
10µF
0.1µF
REF
VOUT
–15V
CD
CC
CC
10nF
1nF
1nF
4.02kΩ
4.02kΩ
Figure 62. RFI Suppression
COMMON-MODE INPUT VOLTAGE RANGE
The common-mode input voltage range is a function of the
input range and the outputs of Internal Amplifier A1, Internal
Amplifier A2, and Internal Amplifier A3, the reference voltage,
and the gain. Figure 27, Figure 28, Figure 29, and Figure 30
show common-mode voltage ranges for various supply voltages
and gains.
DRIVING AN ANALOG-TO-DIGITAL CONVERTER
An instrumentation amplifier is often used in front of an analog-to-
digital converter to provide CMRR and additional conditioning
such as a voltage level shift and gain (see Figure 63). In this
example, a 2.7 nF capacitor and a 1 kΩ resistor create an anti-
aliasing filter for the AD7685. The 2.7 nF capacitor also serves to
store and deliver necessary charge to the switched capacitor input
of the ADC. The 1 kΩ series resistor reduces the burden of the
2.7 nF load from the amplifier. However, large source impedance in
front of the ADC can degrade THD.
The example shown in Figure 63 is for sub-60 kHz applications.
For higher bandwidth applications where THD is important, the
series resistor needs to be small. At worst, a small series resistor
can load the AD8220, potentially causing the output to overshoot
or ring. In such cases, a buffer amplifier, such as the AD8615,
should be used after the AD8220 to drive the ADC.
AD8220
AD7685
4.7µF
ADR435
+5V
2.7nF
REF
1kΩ
1.07kΩ
+2.5V
+IN
–IN
±50mV
+5V
0.1µF
10µF
Figure 63. Driving an ADC in a Low Frequency Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com