Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8220BRMZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8220BRMZ-R7
Description  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8220BRMZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8220BRMZ-R7 Datasheet HTML 17Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 18Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 19Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 20Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 21Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 22Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 23Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 24Page - Analog Devices AD8220BRMZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8220
Rev. 0 | Page 21 of 28
REFERENCE TERMINAL
The reference terminal, REF, is at one end of a 20 kΩ resistor
(see Figure 55). The instrumentation amplifier’s output is
referenced to the voltage on the REF terminal; this is useful
when the output signal needs to be offset to voltages other than
common. For example, a voltage source can be tied to the REF
pin to level-shift the output so that the AD8220 can interface
with an ADC. The allowable reference voltage range is a
function of the gain, common-mode input, and supply voltages.
The REF pin should not exceed either +VS or −VS by more than
0.5 V.
For best performance, especially in cases where the output is
not measured with respect to the REF terminal, source
impedance to the REF terminal should be kept low, since
parasitic resistance can adversely affect CMRR and gain
accuracy.
POWER SUPPLY REGULATION AND BYPASSING
The AD8220 has high PSRR. However, for optimal
performance, a stable dc voltage should be used to power the
instrumentation amplifier. Noise on the supply pins can
adversely affect performance. As in all linear circuits, bypass
capacitors must be used to decouple the amplifier.
A 0.1 µF capacitor should be placed close to each supply pin. A
10 µF tantalum capacitor can be used further away from the
part (see Figure 59). In most cases, it can be shared by other
precision integrated circuits.
AD8220
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 59. Supply Decoupling, REF and Output Referred to Ground
INPUT BIAS CURRENT RETURN PATH
The AD8220 input bias current is extremely small at less than
10 pA. Nonetheless, the input bias current must have a return
path to common. When the source, such as a transformer,
cannot provide a return current path, one should be created
(see Figure 60).
+VS
REF
TRANSFORMER
–VS
AD8220
AC-COUPLED
+VS
REF
C
R
R
C
–VS
AD8220
1
fHIGH-PASS = 2πRC
Figure 60. Creating an IBIAS Path
INPUT PROTECTION
All terminals of the AD8220 are protected against ESD.4 In
addition, the input structure allows for dc overload conditions a
diode drop above the positive supply and a diode drop below
the negative supply. Voltages beyond a diode drop of the
supplies cause the ESD diodes to conduct and enable current to
flow through the diode. Therefore, an external resistor should
be used in series with each of the inputs to limit current for
voltages above +Vs. In either scenario, the AD8220 safely
handles a continuous 6 mA current at room temperature.
For applications where the AD8220 encounters extreme
overload voltages, as in cardiac defibrillators, external series
resistors and low leakage diode clamps such as BAV199Ls,
FJH1100s, or SP720s should be used.
4 ESD protection is guaranteed to 4 kV (human body model).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com