Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUBISICHTLP Datasheet(PDF) 3 Page - Exxelia Group

Part # CUBISICHTLP
Description  5 000 h / 125°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CUBISICHTLP Datasheet(HTML) 3 Page - Exxelia Group

  CUBISICHTLP Datasheet HTML 1Page - Exxelia Group CUBISICHTLP Datasheet HTML 2Page - Exxelia Group CUBISICHTLP Datasheet HTML 3Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
3
Revision 04/22
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
100
1000
10000
100000
1000000
0
0,25
0,5
0,75
1
1,25
1,5
1,75
2
2,25
2,5
2,75
3
I/I0
Expected lifetime (h) in function of temperature and applied current
40 °C
45 °C
50 °C
55 °C
60 °C
65 °C
70 °C
75 °C
80 °C
85 °C
90 °C
95 °C
100 °C
105 °C
110 °C
115 °C
120 °C
125 °C
40°C
125°C
CUBISIC HTLP
5 000 h / 125°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com