Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUBISICHTLP Datasheet(PDF) 1 Page - Exxelia Group

Part # CUBISICHTLP
Description  5 000 h / 125°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CUBISICHTLP Datasheet(HTML) 1 Page - Exxelia Group

  CUBISICHTLP Datasheet HTML 1Page - Exxelia Group CUBISICHTLP Datasheet HTML 2Page - Exxelia Group CUBISICHTLP Datasheet HTML 3Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
1
Revision 04/22
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
10 V ... 350 V
270 µF ... 50 000 µF
45 (1,772) x 13 (0,512) x L
– 55°C + 125°C
Long Life
30±2(1,181±0,079)
40±2(1,575±0,079)
L±1(0,039)
H =14 max. (0,551 max.)
Dimensions in mm (inches)
Note: The PPI114 sleeve may add up to 0.020 inches to the thickness and width of the capacitor
APPLICATIONS
• Hermetic case with laser welding
• Low profile printed circuit mounting
• Possible mounting with 45 x 12 bracket (A691057)
• Possible thermal dissipation per conduction
through lower and upper surface
• Withstands more than 92,000 feet altitude
Sleeve optional : polyester tape
Stainless steel case: Tin coated leads
Tolerance on capacitance at 20°C : ±20%
Operating temperature
: – 55°C +125°C
SPECIFICATIONS
CECC 30301 Long life
IEC 60 384-4 Long life
WITHSTAND STRENGTH OF INSULATING SLEEVE
L
RoHS
Iso Electric (1)
Fire resistance (2)
PPI 114 *
Yes
1 000 V
30
* PPI 1114 shrinkable polyester tape with polyacrylate adhesive
Insulating resistance at 20°C between leads and mounting
hardware: 100 MΩ
(1) Test voltage at 50 Hz 1 min. between leads and mounting
hardware: 1000 V
(2) Fire resistance: self extinguish 30 s. (IEC 60 695-2-2)
without PVC
RESISTANCE TO VIBRATIONS
Standard
ƒ (Hz)
10 - 2000 Hz
Amplitude
1,5 (0,059)
Acceleration
20 g - 196 m/s2 *
t (h)
3 x 2 h
* In accordance with MIL-STD-202, Meth. 204
CUBISIC HTLP
5 000 h / 125°C
DIMENSIONS in mm (inches)
L
Weight ±25% (g)
38
(1,496)
45
51
(2,008)
61
76
(2,992)
91


Similar Part No. - CUBISICHTLP

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISIC EXXELIA-CUBISIC Datasheet
606Kb / 12P
8 000 h / 105°C
Revision 04/21
CUBISICSLP EXXELIA-CUBISICSLP Datasheet
89Kb / 3P
5 000 h / 85°C
Revision 09/21
More results

Similar Description - CUBISICHTLP

ManufacturerPart #DatasheetDescription
logo
Exxelia Group
CUBISIC EXXELIA-CUBISIC Datasheet
606Kb / 12P
8 000 h / 105°C
Revision 04/21
CUBISICSLP EXXELIA-CUBISICSLP Datasheet
89Kb / 3P
5 000 h / 85°C
Revision 09/21
FELSIC105 EXXELIA-FELSIC105 Datasheet
663Kb / 13P
8 000 h / 105°C
Revision 01/19
FELSIC105LP EXXELIA-FELSIC105LP Datasheet
629Kb / 11P
8 000 h / 105°C
Revision 01/19
FELSICCAPAX EXXELIA-FELSICCAPAX Datasheet
668Kb / 16P
15 000 h / 85°C
Revision 10/17
FELSICI-PLUS EXXELIA-FELSICI-PLUS Datasheet
524Kb / 11P
10 000 h / 85°C
Revision 07/16
PRORELSIC125 EXXELIA-PRORELSIC125 Datasheet
651Kb / 15P
5 000 h / 125°C
Revision 01/19
SNAPSIC EXXELIA-SNAPSIC Datasheet
621Kb / 13P
10 000 h / 85°C
Revision 01/19
SNAPSIC105-LP EXXELIA-SNAPSIC105-LP Datasheet
597Kb / 12P
8 000 h / 105°C
Revision 01/19
SNAPSIC125 EXXELIA-SNAPSIC125 Datasheet
594Kb / 12P
8 000 h / 125°C
Revision 01/19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com