Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUBISICHTLP Datasheet(PDF) 2 Page - Exxelia Group

Part # CUBISICHTLP
Description  5 000 h / 125°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

CUBISICHTLP Datasheet(HTML) 2 Page - Exxelia Group

  CUBISICHTLP Datasheet HTML 1Page - Exxelia Group CUBISICHTLP Datasheet HTML 2Page - Exxelia Group CUBISICHTLP Datasheet HTML 3Page - Exxelia Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTROLYTIC ALUMINUM CAPACITORS
2
Revision 04/22
www.exxelia.com
Tel : + 33 (0)2 40 01 26 51
CUBISIC HTLP
5 000 h / 125°C
Capacitance
(µF)
Case
Tan
100 Hz
+20°C
Typic.
(%)
ESR
100 Hz
+20°C
Typic
(mΩ)
Z
10 kHz
+20°C
Typic
(mΩ)
II
+20°C
5 min.
max.
(A)
I ~ 100 Hz
Code
l
mm (inches)
L
mm (inches)
H
mm (inches)
+40°C
max.
(A)
+85°C
max.
(A)
Rated voltage 7,5 V
23 000
45
(1.772)
38
(1.496)
13
(0.512)
57
40
41
0.5
11.5
3.1
A753000
37 000
45
(1.772)
51
(2.008)
13
(0.512)
57
25
26
0.8
16.6
4.4
A753001
60 000
45
(1.772)
76
(2.992)
13
(0.512)
57
15
17
1.4
25.3
6.7
A753002
Rated voltage 10 V
19 000
45
(1.772)
38
(1.496)
13
(0.512)
49
41
41
0.6
11.4
3.1
A753050
31 000
45
(1.772)
51
(2.008)
13
(0.512)
49
25
27
0.9
16.5
4.5
A753051
50 000
45
(1.772)
76
(2.992)
13
(0.512)
49
16
17
1.5
25.2
6.8
A753052
Rated voltage 16 V
12 000
45
(1.772)
38
(1.496)
13
(0.512)
30
41
40
0.6
11.3
3.0
A753100
19 000
45
(1.772)
51
(2.008)
13
(0.512)
30
26
26
0.9
16.4
4.4
A753101
31 000
45
(1.772)
76
(2.992)
13
(0.512)
30
16
17
1.5
25.0
6.7
A753102
Rated voltage 20 V
10 000
45
(1.772)
38
(1.496)
13
(0.512)
34
52
50
0.6
10.3
2.9
A753150
17 000
45
(1.772)
51
(2.008)
13
(0.512)
34
32
32
1.0
14.9
4.2
A753151
27 000
45
(1.772)
76
(2.992)
13
(0.512)
34
20
21
1.6
22.6
6.5
A753152
Rated voltage 25 V
6 800
45
(1.772)
38
(1.496)
13
(0.512)
23
54
50
0.5
10.0
2.9
A753200
11 000
45
(1.772)
51
(2.008)
13
(0.512)
23
33
32
0.8
14.6
4.1
A753201
18 000
45
(1.772)
76
(2.992)
13
(0.512)
23
21
21
1.4
22.2
6.3
A753202
Rated voltage 40 V
3 700
45
(1.772)
38
(1.496)
13
(0.512)
14
59
53
0.4
9.3
2.4
A753250
6 000
45
(1.772)
51
(2.008)
13
(0.512)
14
37
32
0.7
13.5
3.5
A753251
9 700
45
(1.772)
76
(2.992)
13
(0.512)
14
23
21
1.2
20.6
5.4
A753252
Rated voltage 50 V
2 600
45
(1.772)
38
(1.496)
13
(0.512)
10
63
55
0.4
9.0
2.3
A753300
4 200
45
(1.772)
51
(2.008)
13
(0.512)
10
39
33
0.6
13.0
3.4
A753301
6 800
45
(1.772)
76
(2.992)
13
(0.512)
10
24
20
1.0
19.8
5.1
A753302
Rated voltage 63 V
2 100
45
(1.772)
38
(1.496)
13
(0.512)
9
68
57
0.4
8.7
2.2
A753350
3 300
45
(1.772)
51
(2.008)
13
(0.512)
9
42
35
0.6
12.5
3.3
A753351
5 400
45
(1.772)
76
(2.992)
13
(0.512)
9
26
20
1.0
19.1
5.0
A753352
Rated voltage 80 V
1 100
45
(1.772)
38
(1.496)
13
(0.512)
6
83
63
0.3
7.7
1.9
A753400
1 800
45
(1.772)
51
(2.008)
13
(0.512)
6
51
38
0.4
11.2
2.8
A753401
2 900
45
(1.772)
76
(2.992)
13
(0.512)
6
32
23
0.7
17.0
4.3
A753402
Rated voltage 160 V
420
45
(1.772)
38
(1.496)
13
(0.512)
7
279
202
0.2
4.2
1.1
A753500
670
45
(1.772)
51
(2.008)
13
(0.512)
7
174
124
0.3
6.1
1.6
A753501
1 100
45
(1.772)
76
(2.992)
13
(0.512)
7
107
76
0.5
9.4
2.5
A753502
Rated voltage 200 V
270
45
(1.772)
38
(1.496)
13
(0.512)
6
369
226
0.2
3.6
0.9
A753550
430
45
(1.772)
51
(2.008)
13
(0.512)
6
229
140
0.3
5.3
1.4
A753551
700
45
(1.772)
76
(2.992)
13
(0.512)
6
141
85
0.4
8.0
2.1
A753552
Rated voltage 250 V
210
45
(1.772)
38
(1.496)
13
(0.512)
6
430
215
0.2
3.3
0.8
A753600
340
45
(1.772)
51
(2.008)
13
(0.512)
6
267
133
0.3
4.8
1.2
A753601
550
45
(1.772)
76
(2.992)
13
(0.512)
6
165
81
0.4
7.3
1.8
A753602
Rated voltage 350 V
140
45
(1.772)
38
(1.496)
13
(0.512)
7
738
318
0.2
2.5
0.6
A753650
230
45
(1.772)
51
(2.008)
13
(0.512)
7
459
197
0.2
3.6
0.9
A753651
380
45
(1.772)
76
(2.992)
13
(0.512)
7
283
120
0.4
5.5
1.4
A753652



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com