Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2985-10DBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2985-10DBVT Datasheet HTML 2Page - Texas Instruments LP2985-10DBVT Datasheet HTML 3Page - Texas Instruments LP2985-10DBVT Datasheet HTML 4Page - Texas Instruments LP2985-10DBVT Datasheet HTML 5Page - Texas Instruments LP2985-10DBVT Datasheet HTML 6Page - Texas Instruments LP2985-10DBVT Datasheet HTML 7Page - Texas Instruments LP2985-10DBVT Datasheet HTML 8Page - Texas Instruments LP2985-10DBVT Datasheet HTML 9Page - Texas Instruments LP2985-10DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6.5 Electrical Characteristics (continued)
specified at TJ = 25°C, VIN = VOUT(nom) + 1.0 V or VIN = 2.5 V (whichever is greater), IOUT = 1 mA, VON/OFF = 2 V, CIN = 1.0
µF, and COUT = 2.2 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
VIN - VOUT
Dropout voltage(1)
IOUT = 0 mA
Legacy chip
1
3
mV
New chip
1
2.75
IOUT = 0 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
5
New chip
3
IOUT = 1 mA
Legacy chip
7
10
New chip
11.5
14
IOUT = 1 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
15
New chip
17
IOUT = 10 mA
Legacy chip
40
60
New chip
98
115
IOUT = 10 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
90
New chip
148
IOUT = 50 mA
Legacy chip
120
150
New chip
120
145
IOUT = 50 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
225
New chip
184
IOUT = 150 mA
Legacy chip
280
350
New chip
180
198
IOUT = 150 mA, –40°C ≤ TJ ≤ 125°C
Legacy chip
575
New chip
254
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com